Electronic Components Datasheet Search
  English  ▼

X  

KX4N03W Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KX4N03W
Description  Dual N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KX4N03W Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  KX4N03W Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KX4N03W Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KX4N03W Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd KX4N03W Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd KX4N03W Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd KX4N03W Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SMD Type
www.kexin.com.cn
4
MOSFET
.
Dual N-Channel MOSFET
KX4N03W
■
Typical Characterisitics
1
10
100
0.1
VDS = 10 V
ID - Drain Current - A
1
10
0.10
0.010
0.01
100
75˚C
125˚C
25˚C
TA = 25˚C
FORWARD TRANSFER ADMITTANCE Vs.
DRAIN CURRENT
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
1
0.1
0
0
1
0
1
1
0
.
0
ID - Drain Current - A
TA = 125˚C
75˚C
25˚C
25˚C
VGS = 4.0 V
0
40
80
120
160
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
1
0.1
0
0
1
0
1
1
0
.
0
ID - Drain Current - A
TA = 125˚C
75˚C
25˚C
25˚C
VGS = 4.5 V
0
40
80
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
1
0.1
0
0
1
0
1
1
0
.
0
ID - Drain Current - A
TA = 125˚C
75˚C
25˚C
25˚C
VGS = 10 V
0
40
80
120
160
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
ID = 2.0 A
50
0
50
100
150
10
30
50
70
90
110
130
VGS = 4.0 V
4.5 V
10 V
0
0
25
50
75
100
125
150
2
4
6
8 10 12 14 16 18 20
VGS - Gate to Source Voltage - V
ID = 2.0 A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com