Electronic Components Datasheet Search
  English  ▼

X  

KX4N03W Datasheet(PDF) 6 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KX4N03W
Description  Dual N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KX4N03W Datasheet(HTML) 6 Page - Guangdong Kexin Industrial Co.,Ltd

  KX4N03W Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KX4N03W Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KX4N03W Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd KX4N03W Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd KX4N03W Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd KX4N03W Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SMD Type
www.kexin.com.cn
6
MOSFET
Dual N-Channel MOSFET
KX4N03W
■
Typical Characterisitics
PW - Pulse Width - s
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
0.01
1
10
100
1000
0.0001
0.001
0.01
0.1
1
10
100
1000
Rth(ch-A) = 73.5˚C/W (2unit)
Rth(ch-A) = 125˚C/W (1unit)
Single Pulse
Mounted on Ceramic
Board of 50 cm x1.1 mm
2unit:
PD (FET1) : PD (FET2) = 1 : 1
2
SINGLE AVALANCHE CURRENT vs.
INDUCTIVE LOAD
L - Inductive Load - H
10
VDD = 30 V
RG = 25
VGS = 20
0 V
Starting Tch = 25˚C
IAS = 3.8 A
EAS = 33 mJ
10
100
1m
10m
1
SINGLE AVALANCHE ENERGY
DERATING FACTOR
Starting Tch - Starting Channel Temperature - ˚C
25
50
75
100
125
150
VDD = 30 V
RG = 25
VGS = 20
0 V
IAS 3.8 A
0
20
40
60
80
100
120



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com