Electronic Components Datasheet Search
  English  ▼

X  

ISL6413 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6413
Description  Triple Output Regulator with Single Synchronous Buck and Dual LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6413 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6413 Datasheet HTML 3Page - Intersil Corporation ISL6413 Datasheet HTML 4Page - Intersil Corporation ISL6413 Datasheet HTML 5Page - Intersil Corporation ISL6413 Datasheet HTML 6Page - Intersil Corporation ISL6413 Datasheet HTML 7Page - Intersil Corporation ISL6413 Datasheet HTML 8Page - Intersil Corporation ISL6413 Datasheet HTML 9Page - Intersil Corporation ISL6413 Datasheet HTML 10Page - Intersil Corporation ISL6413 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FIGURE 5. PWM LINE REGULATION
FIGURE 6. PWM SHUTDOWN WITH VIN
FIGURE 7. PWM SHUTDOWN WITH EN_PWM
FIGURE 8. LDO SHUTDOWN WITH VIN
FIGURE 9. LDO SHUTDOWN WITH EN_LDO
Typical Performance Curves (Continued)
1.816
1.814
1.812
1.806
1.802
2.7
3
3.1
3.4
3.5
3.6
INPUT VOLTAGE
1.81
1.808
1.804
2.8
2.9
3.3
3.2
1V/DIV
0V
0V
VIN
1V/DIV
VOUT1
0V
0V
0.5V/DIV
VOUT
TIME (ms)
(5ms/DIV)
0V
0V
1V/DIV
VIN
0V
VOUT2
VOUT3
0V
1V/DIV
VOUT2
0V
1V/DIV
VOUT3
ISL6413



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com