Electronic Components Datasheet Search
  English  ▼

X  

ISL6413 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6413
Description  Triple Output Regulator with Single Synchronous Buck and Dual LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6413 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6413 Datasheet HTML 4Page - Intersil Corporation ISL6413 Datasheet HTML 5Page - Intersil Corporation ISL6413 Datasheet HTML 6Page - Intersil Corporation ISL6413 Datasheet HTML 7Page - Intersil Corporation ISL6413 Datasheet HTML 8Page - Intersil Corporation ISL6413 Datasheet HTML 9Page - Intersil Corporation ISL6413 Datasheet HTML 10Page - Intersil Corporation ISL6413 Datasheet HTML 11Page - Intersil Corporation ISL6413 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
voltage, the integrator capacitor voltage is raised or lowered
to compensate for the systematic offset at the error amplifier.
Compensation is limited to ±5% to minimize transient
overshoot when the device goes out of dropout, current limit,
or thermal shutdown.
Shutdown
Driving the EN_LDO pin low will put LDO1 and LDO2 into
the shutdown mode. Driving the EN_PWM pin low will put
the PWM into shutdown mode. Pulling the EN_PWM and
EN_LDO both pins low simultaneously, puts the complete
chip into shutdown mode, and supply current drops to 15µA
typical.
Protection Features for the LDOs
Current Limit
The ISL6413 monitors and controls the pass transistor’s
gate voltage to limit the output current. The current limit for
LDO1 is 330mA and LDO2 is 250mA. The output can be
shorted to ground without damaging the part due to the
current limit and thermal protection features.
Thermal Overload Protection
Thermal overload protection limits total power dissipation in
the ISL6413. When the junction temperature (TJ) exceeds
+150°C, the thermal sensor sends a signal to the shutdown
logic, turning off the pass transistor and allowing the IC to
cool. The pass transistor turns on again after the IC’s
junction temperature typically cools by 20°C, resulting in a
pulsed output during continuous thermal overload
conditions. Thermal overload protection protects the
ISL6413 against fault conditions. For continuous operation,
do not exceed the absolute maximum junction temperature
rating of +150°C.
Operating Region and Power Dissipation
The maximum power dissipation of ISL6413 depends on the
thermal resistance of the IC package and circuit board, the
temperature difference between the die junction and ambient
air, and the rate of air flow. The power dissipated in the
device is:
PT = P1 + P2 + P3, where
P1 = IOUT1 x VOUT1/IIN x VIN
P2 = IOUT2 (VIN – VOUT2)
P3 = IOUT3 (VIN- VOUT3)
The maximum power dissipation is:
Pmax = (Tjmax – TA)/θJA
Where Tjmax = 150oC, TA = ambient temperature, and θJA
is the thermal resistance from the junction to the surrounding
environment.
The ISL6413 package features an exposed thermal pad on
its underside. This pad lowers the thermal resistance of the
package by providing a direct heat conduction path from the
die to the PC board. Additionally, the ISL6413’s ground
(GND_LDO and PGND) performs the dual function of
providing an electrical connection to system ground and
channeling heat away. Connect the exposed backside pad
direct to the GND_LDO ground plane.
Applications Information
LDO Regulator Capacitor Selection and Regulator
Stability
Capacitors are required at the ISL6413 LDO Regulators’
input and output for stable operation over the entire load
range and the full temperature range. Use >1µF capacitor at
the input of LDO Regulators, VIN_LDO pins. The input
capacitor lowers the source impedance of the input supply.
Larger capacitor values and lower ESR provides better
PSRR and line transient response. The input capacitor must
be located at a distance of not more then 0.5 inches from the
VIN pins of the IC and returned to a clean analog ground.
Any good quality ceramic capacitor can be used as an input
capacitor.
The output capacitor must meet the requirements of
minimum amount of capacitance and ESR for both LDO’s.
The ISL6413 is specifically designed to work with small
ceramic output capacitors. The output capacitor’s ESR
affects stability and output noise. Use an output capacitor
with an ESR of 50m
Ω or less to insure stability and optimum
transient response. For stable operation, a ceramic
capacitor, with a minimum value of 3.3µF, is recommended
for VOUT1 for 300mA output current, and 3.3µF is
recommended for VOUT2 at 200mA load current. There is no
upper limit to the output capacitor value. Larger capacitor
can reduce noise and improve load transient response,
stability and PSRR. Higher value of output capacitor (10µF)
is recommended for LDO2 when used to power VCO
circuitry in wireless chipsets. The output capacitor should be
located very close to VOUT pins to minimize impact of PC
board inductances and the other end of the capacitor should
be returned to a clean analog ground.
PWM Regulator Component Selection
INDUCTOR SELECTION
A 10µH minimum output inductor is used with the ISL6413
PWM section. Values larger then 15µH or less then 10µH
may cause stability problems because of the internal
compensation of the regulator. The important parameters of
the inductor that need to be considered are the current rating
of the inductor and the DC resistance of the inductor. The dc
resistance of the inductor will influence directly the efficiency
of the converter. Therefore, an inductor with lowest dc
resistance should be selected for highest efficiency.
ISL6413



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com