Electronic Components Datasheet Search
  English  ▼

X  

ISL6421 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6421
Description  Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6421 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6421 Datasheet HTML 2Page - Intersil Corporation ISL6421 Datasheet HTML 3Page - Intersil Corporation ISL6421 Datasheet HTML 4Page - Intersil Corporation ISL6421 Datasheet HTML 5Page - Intersil Corporation ISL6421 Datasheet HTML 6Page - Intersil Corporation ISL6421 Datasheet HTML 7Page - Intersil Corporation ISL6421 Datasheet HTML 8Page - Intersil Corporation ISL6421 Datasheet HTML 9Page - Intersil Corporation ISL6421 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Output Timing
The programmed output voltage rise and fall times can be
set by an external capacitor. The output rise and fall times
will be approximately 3400 times the TCAP value. For the
recommended range of 0.47
µF to 2.2µF, the rise and fall
time would be 1.6ms to 7.6ms. Using a 0.47
µF capacitor
insures the PWM stays below its overcurrent threshold when
charging a 120
µF VSW filter cap during the worst case 13V
to 19V transition. A typical value of 1.0
µF is recommended.
This feature affects the programmed voltage rise and fall
times.
Current Limiting (Only one ISEL option needed)
The current limiting block can operate either statically
(simple current clamp) or dynamically. The threshold is
between 575mA and 950mA. When the DCL (Dynamic
Current Limiting) bit is set to LOW, the over current
protection circuit works dynamically. That is, as soon as an
overload is detected, the output is shutdown for a time tOFF,
typically 900ms. Simultaneously the overload flag (OLF) bit
of the system register is set to HIGH. After this time has
elapsed, the output is resumed for a time Ton = 20ms.
During Ton, the device output will be current limited to
between 575mA and 950mA. At the end of Ton, if the
overload is still detected, the protection circuit will cycle
again through Toff and Ton. At the end of a full Ton during
which no overload is detected, normal operation is resumed
and the OLF bit is reset to LOW. Typical Ton+Toff time is
920ms as determined by an internal timer. This dynamic
operation can greatly reduce the power dissipation in a short
circuit condition, still ensuring excellent power-on start-up in
most conditions.
However, there could be some cases in which a highly
capacitive load on the output may cause a difficult start-up,
when the dynamic protection is chosen. This can be solved
by initiating a power start-up in static mode (DCL = HIGH)
and then switching to the dynamic mode (DCL = LOW) after
a chosen amount of time. When in static mode, the OLF bit
goes HIGH when the current clamp limit is reached and
returns LOW when the overload condition is cleared. The
OLF bit will be LOW at the end of initial power-on soft-start.
Thermal Resistance
This IC is protected against overheating. When the junction
temperature exceeds 150°C (typical), the step-up converter
and the linear regulator are shut off and the overtemp flag
(OTF) bit of the SR is set HIGH. Normal operation is
resumed and the OTF bit is reset LOW, when the junction is
cooled down to 130°C (typical).
External Output Voltage Selection
The output voltage can be selected by the I2C bus.
Additionally, the QFN package offers a pin (SEL18V) for
independent 13V/18V output voltage selection. When using
this pin, the I2C bits should be initialized to 13V status.
I2C Bus Interface for ISL6421
(Refer to Philips I2C Specification, Rev. 2.1)
Data transmission from main microprocessor to the ISL6421
and vice versa takes place through the 2 wires I2C bus
interfaces, consisting of the two lines SDA and SCL. Both
SDA and SCL are bidirectional lines, connected to a positive
supply voltage via a pull up resistor. (Pull up resistors to
positive supply voltage must be externally connected). When
the bus is free, both lines are HIGH. The output stage of
ISL6421 will have an open drain/open collector in order to
perform the wired-AND function. Data on the I2C bus can be
transferred up to 100kbits/s in the standard-mode or up to
400kbits/s in the fast-mode. The level of logic “0” and logic
“1” is dependent of associated value of Vdd as per electrical
specification table. One clock pulse is generated for each
data bit transferred.
Data Validity
The data on the SDA line must be stable during the HIGH
period of the clock. The HIGH or LOW state of the data line
can only change when the clock signal on the SCL line is
LOW. Refer to Figure 1.
START and STOP Conditions
As shown in the Figure 2, START condition is a HIGH to
LOW transition of the SDA line, while SCL is HIGH. The
STOP condition is a LOW to HIGH transition on the SDA
line, while SCL is HIGH. A STOP condition must be sent
before each START condition.
TABLE 1.
I2C BITS
SEL18V
O/P VOLTAGE
13V
Low
13V
13V
High
18V
SDA
SCL
DATA LINE
STABLE
DATA VALID
CHANGE
OF DATA
ALLOWED
FIGURE 1. DATA VALIDITY
SDA
SCL
START
CONDITION
FIGURE 2. START AND STOP WAVEFORMS
STOP
CONDITION
SP
ISL6421



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com