Electronic Components Datasheet Search
  English  ▼

X  

ISL6421 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6421
Description  Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6421 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6421 Datasheet HTML 2Page - Intersil Corporation ISL6421 Datasheet HTML 3Page - Intersil Corporation ISL6421 Datasheet HTML 4Page - Intersil Corporation ISL6421 Datasheet HTML 5Page - Intersil Corporation ISL6421 Datasheet HTML 6Page - Intersil Corporation ISL6421 Datasheet HTML 7Page - Intersil Corporation ISL6421 Datasheet HTML 8Page - Intersil Corporation ISL6421 Datasheet HTML 9Page - Intersil Corporation ISL6421 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Byte Format
Every byte put on the SDA line must be 8-bits long. The
number of bytes that can be transmitted per transfer is
unrestricted. Each byte has to be followed by an acknowledge
bit. Data is transferred with the most significant bit first (MSB).
Acknowledge
The master (microprocessor) puts a resistive HIGH level on
the SDA line during the acknowledge clock pulse (Figure 3).
The peripheral that acknowledges has to pull down (LOW)
the SDA line during the acknowledge clock pulse, so that the
SDA line is stable LOW during this clock pulse. (Of course,
set-up and hold times must also be taken into account.)
The peripheral which has been addressed has to generate
an acknowledge after the reception of each byte, otherwise
the SDA line remains at the HIGH level during the ninth
clock pulse time. In this case, the master transmitter can
generate the STOP information in order to abort the transfer.
The ISL6421 will not generate the acknowledge if the
POWER OK signal from the UVLO is LOW.
Transmission Without Acknowledge
Avoiding detection of the acknowledgement, the
microprocessor can use a simpler transmission; it waits one
clock without checking the slave acknowledging, and sends
the new data.
This approach, though, is less protected from error and
decreases the noise immunity.
ISL6421 Software Description
Interface Protocol
The interface protocol is comprised of the following, as
shown below in Table 2:
• A start condition (S)
• A chip address byte (MSB on left; the LSB bit determines
read (1) or write (0) transmission) (the assigned I2C slave
address for the ISL6421 is 0001 00XX)
• A sequence of data (1 byte + Acknowledge)
• A stop condition (P)
Transmitted Data (I2C bus WRITE mode)
When the R/W bit in the chip is set to 0, the main
microprocessor can write on the system register (SR1) of the
ISL6421 via I2C bus. These will be written by the
microprocessor as shown below.
SDA
SCL
FIGURE 3. ACKNOWLEDGE ON THE I2C BUS
1
2
8
9
ACKNOWLEDGE
FROM SLAVE
MSB
START
TABLE 2. INTERFACE PROTOCOL
S 000 1000 R/W ACK Data (8 bits) ACK P
TABLE 3. SYSTEM REGISTER 1 (SR1)
R, W
R, W
R, W
R, W
R, W
R, W
R, W
R
SR1
DCL
X
ENT1
LLC1
VSEL1
EN1
OLF1
TABLE 4. SYSTEM REGISTER 2 (SR2)
R, W
R, W
R, W
R, W
R, W
R, W
R
R
SR2
X
X
X
X
EN2
OTF
X
System Register Format
• R, W = Read and Write bit
• R = Read-only bit
All bits reset to 0 at Power-On
TABLE 5. SYSTEM REGISTER (SR1 AND SR2) CONFIGURATION
SR
DCL
ISEL1
ENT1
LLC1
VSEL1
EN1
OLF1
FUNCTION
0
1
0
0
1
SR1 is selected
0
1
0
0
1
Vout1 = 13V, Vboost1 = 13V + Vdrop
0
1
0
1
1
Vout1 = 18V, Vboost1 = 18V + Vdrop
0
1
1
0
1
Vout1 = 14V, Vboost1 = 14V + Vdrop
0
1
1
1
1
Vout1 = 19V, Vboost1 = 19V + Vdrop
0
1
0
1
22kHz tone is controlled by the DSQIN pin
0
1
1
1
22kHz tone is ON, the DSQIN input is disabled
ISL6421



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com