Electronic Components Datasheet Search
  English  ▼

X  

BAS70W Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAS70W
Description  Surface Mount Schottky Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAS70W Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAS70W_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAS70W_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS70W/BAS70-04W/
BAS70-05W/BAS70-06W
VOLTAGE 70 V, 70 mA
Surface Mount Schottky Barrier Diodes
Elektronische Bauelemente
23-June-2010 Rev. C
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low Turn-on voltage
Low Forward Voltage - 0.75V(Max) @ IF = 10 mA
Very Low Capacitance - Less Than 2.0pF @ 0V
For high speed switching application, circuit protection
MECHANICAL DATA
Case: SOT-323, Molded Plastic
Terminals: Solderable per MIL-STD-202,Method 208
Polarity: See Diagrams Below
Weight: 0.004 grams (approx.)
Mounting Position: Any
BAS70W Marking: K73, BE
BAS70-04W Marking: K74
BAS70-05W Marking: K75
BAS70-06W Marking: K76
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TJ = 150°C unless otherwise noted)
TYPE NUMBER
SYMBOL
VALUES
UNITS
Reverse Voltage
VR
70
V
Forward Power Dissipation
@ TA = 25°C
Derate above 25°C
PF
225
1.8
mW
mW / °C
Forward Continuous Current
IFM
70
mA
Single Forward Current
t ≦ 10 m
IFSM
100
Operating Junction and Storage Temperature Range
TJ, TSTG
-55~150
℃
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
PARAMETERS
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
Reverse breakdown voltage
V(BR)R
IR= 10µA
70
-
V
Diode capacitance
CT
VR=0, f=1MHz
-
2.0
pF
Reverse voltage leakage current
IR
VR=50V
VR=70V
-
0.1
10
A
Forward voltage
VF
IF=1.0 mA
IF=10 mA
IF=15 mA
-
410
750
1000
mV
SOT-323
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.00
2.20
G
0.100 REF.
B
2.15
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.15
D
0.90
1.10
K
-
-
E
1.20
1.40
L
0.525 TYP.
F
0.20
0.40


Similar Part No. - BAS70W_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS70W DIODES-BAS70W_15 Datasheet
117Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev erse
More results

Similar Description - BAS70W_15

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
Surface Mount Schottky Barrier Diodes
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
BAT400D PANJIT-BAT400D Datasheet
125Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
WSD521G WEITRON-WSD521G Datasheet
410Kb / 4P
Surface Mount Schottky Barrier Diodes
logo
Shenzhen Luguang Electr...
RB548W LUGUANG-RB548W Datasheet
250Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103ATW LUGUANG-SD103ATW Datasheet
294Kb / 2P
Surface Mount Schottky Barrier Diodes
logo
Diode Semiconductor Kor...
SD103ATW DSK-SD103ATW Datasheet
242Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
SUNMATE electronic Co.,...
EC31QS06 SUNMATE-EC31QS06 Datasheet
441Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com