Electronic Components Datasheet Search
  English  ▼

X  

BAS70W Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # BAS70W
Description  Surface Mount Schottky Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAS70W Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  BAS70W_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAS70W_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BAS70W/BAS70-04W/
BAS70-05W/BAS70-06W
VOLTAGE 70 V, 70 mA
Surface Mount Schottky Barrier Diodes
Elektronische Bauelemente
23-June-2010 Rev. C
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES
100
0
0.1
VF, Forward Voltage (V)
0.2
0.3
0.4
0.5
10
1.0
0.1
85 C
10
0
VR, Reverse Voltage (V)
1.0
0.1
0.01
0.001
10
20
30
1.4
0
VR, Reverse Voltage (V)
1.2
0.4
0.2
0
5.0
10
15
50
Figure 1. Typical Forward Voltage
Figure 2. Reverse Current versus Reverse
Voltage
Figure 3. Typical Capacitance
±40 C
25 C
TA = 150 C
25 C
1.0
±55 C
125 C
150 C
100
25
20
0.6
0.8
1.0
0.6
0.7
125 C
85 C
30
35
40
45
40
50
60
70
0.8
0.9



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com