Electronic Components Datasheet Search
  English  ▼

X  

ISL8392IB Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL8392IB
Description  Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8392IB Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL8392IB Datasheet HTML 2Page - Intersil Corporation ISL8392IB Datasheet HTML 3Page - Intersil Corporation ISL8392IB Datasheet HTML 4Page - Intersil Corporation ISL8392IB Datasheet HTML 5Page - Intersil Corporation ISL8392IB Datasheet HTML 6Page - Intersil Corporation ISL8392IB Datasheet HTML 7Page - Intersil Corporation ISL8392IB Datasheet HTML 8Page - Intersil Corporation ISL8392IB Datasheet HTML 9Page - Intersil Corporation ISL8392IB Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Test Circuits and Waveforms
Logic input waveform is inverted for switches that have the opposite
logic sense.
FIGURE 1A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 1B. TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
Logic input waveform is inverted for switches that have the opposite
logic sense.
FIGURE 2A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
NOTE: When testing the NC pin of a device use the NC as VOUT.
When testing the NO pin of a device use the COM as VOUT.
FIGURE 2B. TEST CIRCUIT
FIGURE 2. CHARGE INJECTION
50%
tr < 20ns
tf < 20ns
tOFF
90%
3V
0V
VNX
0V
tON
LOGIC
INPUT
SWITCH
INPUT
SWITCH
OUTPUT
90%
VOUT
V
OUT
V
(NO or NC)
R
L
R
L
R
ON
()
+
------------------------------
=
SWITCH
INPUT
LOGIC
INPUT
VOUT
RL
CL
COM
NO or NC
IN
300
Ω
35pF
GND
V+
C
V-
C
VNX
C
VOUT
∆VOUT
ON
OFF
ON
Q =
∆VOUT x CL
SWITCH
OUTPUT
LOGIC
INPUT
3V
0V
CL
VOUT
RG
VG
GND
COM
NO
V+
C
LOGIC
INPUT
IN
C
V-
COM
NC
ISL8391, ISL8392, ISL8393



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com