Electronic Components Datasheet Search
  English  ▼

X  

ISL8392IB Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL8392IB
Description  Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8392IB Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL8392IB Datasheet HTML 4Page - Intersil Corporation ISL8392IB Datasheet HTML 5Page - Intersil Corporation ISL8392IB Datasheet HTML 6Page - Intersil Corporation ISL8392IB Datasheet HTML 7Page - Intersil Corporation ISL8392IB Datasheet HTML 8Page - Intersil Corporation ISL8392IB Datasheet HTML 9Page - Intersil Corporation ISL8392IB Datasheet HTML 10Page - Intersil Corporation ISL8392IB Datasheet HTML 11Page - Intersil Corporation ISL8392IB Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
V-
TRANSISTOR COUNT:
ISL8391: 209
ISL8392: 209
ISL8393: 209
PROCESS:
Si Gate CMOS
FIGURE 15. FREQUENCY RESPONSE
FIGURE 16. CROSSTALK AND OFF ISOLATION
Typical Performance Curves TA = 25oC, Unless Otherwise Specified (Continued)
FREQUENCY (MHz)
3
0
-3
0
45
90
135
180
1
10
100
600
VIN = 5VP-P
VIN = 0.2VP-P
VIN = 0.2VP-P
GAIN
PHASE
VS = ±5V
RL = 50Ω
VIN = 5VP-P
FREQUENCY (Hz)
1k
100k
1M
100M 500M
10k
10M
-110
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
110
10
20
30
40
50
60
70
80
90
100
ISOLATION
CROSSTALK
RL = 50Ω
VS = ±2V to ±5V
V+ = 3V to 12V or
ISL8391, ISL8392, ISL8393



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com