Electronic Components Datasheet Search
  English  ▼

X  

ISL84516 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL84516
Description  Low-Voltage, Dual Supply, SPST, Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84516 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL84516 Datasheet HTML 1Page - Intersil Corporation ISL84516 Datasheet HTML 2Page - Intersil Corporation ISL84516 Datasheet HTML 3Page - Intersil Corporation ISL84516 Datasheet HTML 4Page - Intersil Corporation ISL84516 Datasheet HTML 5Page - Intersil Corporation ISL84516 Datasheet HTML 6Page - Intersil Corporation ISL84516 Datasheet HTML 7Page - Intersil Corporation ISL84516 Datasheet HTML 8Page - Intersil Corporation ISL84516 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
±1.5
-
±6V
Positive Supply Current, I+
VS = ±5.5V, VIN = 0V or V+, Switch On or Off
25
-
40
125
µA
Full
-
-
200
µA
Negative Supply Current, I-
VS = ±5.5V, VIN = 0V or V+, Switch On or Off
25
-125
30
-
µA
Full
-200
-
-
µA
NOTES:
4. VIN = Input voltage to perform proper function.
5. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
6. Leakage parameter is 100% tested at high temp, and guaranteed by correlation at 25oC.
Test Circuits and Waveforms
Logic input waveform is inverted for switches that have the opposite
logic sense.
CL includes fixture and stray capacitance.
FIGURE 1. SWITCHING TIMES
FIGURE 2. CHARGE INJECTION
Electrical Specifications -
±5V Supply Test Conditions: V
SUPPLY = ±4.5V to ±5.5V, VINH = 3.5V, VINL = 1.5V (Note 4),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(oC)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
50%
tr < 20ns
tf < 20ns
tOFF
90%
V+
0V
0V
tON
LOGIC
INPUT
SWITCH
INPUT
SWITCH
OUTPUT
90%
VOUT
FIGURE 1A. MEASUREMENT POINTS
SWITCH
INPUT
LOGIC
INPUT
VOUT
RL
CL
COM
NO or NC
IN
300
Ω
35pF
V+
C
C
V-
FIGURE 1B. TEST CIRCUIT
V
OUT
V
(NO or NC)
R
L
R
L
R
ON
()
+
------------------------------
=
VOUT
∆VOUT
ON
OFF
ON
Q =
∆VOUT x CL
SWITCH
OUTPUT
LOGIC
INPUT
FIGURE 2A. MEASUREMENT POINTS
CL
VOUT
RG
VG
COM
NO or NC
V+
C
LOGIC
INPUT
IN
V-
C
FIGURE 2B. TEST CIRCUIT
ISL84516, ISL84517



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com