Electronic Components Datasheet Search
  English  ▼

X  

ISL84516 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL84516
Description  Low-Voltage, Dual Supply, SPST, Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84516 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL84516 Datasheet HTML 1Page - Intersil Corporation ISL84516 Datasheet HTML 2Page - Intersil Corporation ISL84516 Datasheet HTML 3Page - Intersil Corporation ISL84516 Datasheet HTML 4Page - Intersil Corporation ISL84516 Datasheet HTML 5Page - Intersil Corporation ISL84516 Datasheet HTML 6Page - Intersil Corporation ISL84516 Datasheet HTML 7Page - Intersil Corporation ISL84516 Datasheet HTML 8Page - Intersil Corporation ISL84516 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Absolute Maximum Ratings
Thermal Information
V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 15V
Input Voltages
IN (Note 2). . . . . . . . . . . . . . . . . . . . . ((V-) - 0.3V) to ((V+) + 0.3V)
NO, NC (Note 2) . . . . . . . . . . . . . . . . ((V-) - 0.3V) to ((V+) + 0.3V)
Output Voltages
COM (Note 2) . . . . . . . . . . . . . . . . . . ((V-) - 0.3V) to ((V+) + 0.3V)
Continuous Current (Any Terminal) . . . . . . . . . . . . . . . . . . . . . 20mA
Peak Current NO, NC, or COM
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . . . 30mA
ESD Rating (Per MIL-STD-883 Method 3015). . . . . . . . . . . . . >2kV
Operating Conditions
Temperature Range
ISL8451XIX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 3)
θJA (oC/W)
5 Ld SOT-23 Package . . . . . . . . . . . . . . . . . . . . . . .
225
8 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . .
170
Maximum Junction Temperature (Plastic Package) . . . . . . . 150oC
Moisture Sensitivity (See Technical Brief TB363)
All Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Level 1
Maximum Storage Temperature Range. . . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
2. Signals on NO, NC, COM, or IN exceeding V+ or V- are clamped by internal diodes. Limit forward diode current to maximum current ratings.
3.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications -
±5V Supply Test Conditions: V
SUPPLY = ±4.5V to ±5.5V, VINH = 3.5V, VINL = 1.5V (Note 4),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(oC)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
V-
-
V+
V
ON Resistance, RON
VS = ±5V, ICOM = 1.0mA, VCOM = 3V
(See Figure 4)
25
-
13
20
Ω
Full
-
-
25
Ω
RON Flatness, RFLAT(ON)
VS = ±5V, ICOM = 1.0mA, VCOM = -3V, 0V, 3V
25
-
3
4
Ω
Full
-
4
6
Ω
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
VS = ±5.5V, VCOM = ±4.5V, VNO or VNC = +4.5V
(Note 6)
25
-1
0.01
1
nA
Full
-20
-
20
nA
COM OFF Leakage Current,
ICOM(OFF)
VS = ±5.5V, VCOM = ±4.5V, VNO or VNC = +4.5V
(Note 6)
25
-1
0.01
1
nA
Full
-20
-
20
nA
COM ON Leakage Current,
ICOM(ON)
VS = ±5.5V, VCOM = VNO or VNC = ±4.5V (Note 6)
25
-2
0.01
2
nA
Full
-40
-
40
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINH
Full
(V+) - 1.5
-
V+
V
Input Voltage Low, VINL
Full
V-
-
(V+) - 3.5
V
Input Current, IINH, IINL
VS = ±5.5V, VIN = 0V or V+
Full
-0.5
-
0.5
µA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
VNO or VNC = 3V, RL = 300Ω, CL = 35pF,
VIN = 0 to V+ (See Figure 1)
25
-
40
100
ns
Full
-
-
150
ns
Turn-OFF Time, tOFF
VNO or VNC = 3V, RL = 300Ω, CL = 35pF,
VIN = 0 to V+ (See Figure 1)
25
-
30
75
ns
Full
-
-
125
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω (See Figure 2)
25
-
10
20
pC
OFF Isolation
RL = 50Ω, CL = 15pF, f = 100kHz (See Figure 3)
25
-
>86
-
dB
NO or NC OFF Capacitance, COFF f = 1MHz, VNO or VNC = VCOM = 0V (See Figure 5)
25
-
9
-
pF
COM OFF Capacitance,
CCOM(OFF)
f = 1MHz, VNO or VNC = VCOM = 0V (See Figure 5)
25
-
9
-
pF
COM ON Capacitance, CCOM(ON)
f = 1MHz, VNO or VNC = VCOM = 0V (See Figure 5)
25
-
22
-
pF
ISL84516, ISL84517



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com