Electronic Components Datasheet Search
  English  ▼

X  

ISL8563CP Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL8563CP
Description  3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8563CP Datasheet(HTML) 4 Page - Intersil Corporation

  ISL8563CP Datasheet HTML 1Page - Intersil Corporation ISL8563CP Datasheet HTML 2Page - Intersil Corporation ISL8563CP Datasheet HTML 3Page - Intersil Corporation ISL8563CP Datasheet HTML 4Page - Intersil Corporation ISL8563CP Datasheet HTML 5Page - Intersil Corporation ISL8563CP Datasheet HTML 6Page - Intersil Corporation ISL8563CP Datasheet HTML 7Page - Intersil Corporation ISL8563CP Datasheet HTML 8Page - Intersil Corporation ISL8563CP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Test Waveforms
SHDN Input Logic Threshold Low
Full
-
-
0.8
V
SHDN Input Logic Threshold High VCC = 3.0V to 5.0V
Full
2.4
-
-
V
AC CHARACTERISTICS
Transition Region Slew Rate
VCC =3.3V, RL =3kΩ to 7kΩ, Measured From 3V to -3V or
-3V to 3V, CL = 50pF to 2500pF
25
4
-
30
V/
µs
Transmitter Propagation Delay
Transmitter Input to
Transmitter Output,
CL = 1000pF, RL =3kΩ
tPHL (Note 2)
Full
-
1
3.5
µs
tPLH (Note 2)
Full
-
1
3.5
µs
Receiver Propagation Delay
Receiver Input to Receiver
Output, CL = 150pF
tPHL (Note 3)
Full
-
0.3
1.0
µs
tPLH (Note 3)
Full
-
0.3
1.0
µs
Receiver Output Enable Time
Figure 1
tER
Full
-
125
500
ns
Receiver Output Disable Time
Figure 1
tDR
Full
-
160
500
ns
Transmitter Output Enable Time
Figure 2
tET
25
-
17
-
µs
Transmitter Output Disable Time
Figure 2
tDT
25
-
600
-
ns
Transmitter Skew
tPHL -tPLH (Note 2)
25
-
100
-
ns
Receiver Skew
tPHL -tPLH (Note 3)
25
-
100
-
ns
ESD PERFORMANCE
RS-562 Pins (TOUT,RIN)
Human Body Model
25
-
±15
-
kV
IEC1000-4-2 Contact Discharge
25
-
±8-
kV
IEC1000-4-2 Air Gap Discharge
25
-
±8-
kV
All Other Pins
Human Body Model
25
-
±3-
kV
NOTES:
2. Transmitter is measured at the transmitter zero crossing points.
3. Receiver is measured at the receiver 50 percent crossing points.
Electrical Specifications
Test Conditions: VCC =3V to5.5V, C1 -C4 =0.1µF; Unless Otherwise Specified.
Typicals are at TA =25
oC (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(oC)
MIN
TYP
MAX
UNITS
FIGURE 1. RECEIVER OUTPUT ENABLE AND DISABLE TIMING
VCC
0V
EN INPUT
tER
VCC -0.6V
+0.4V
RECEIVER
OUTPUT
VOH -0.1V
VOL +0.1V
0.5VCC
tDR
RECEIVER
OUTPUT
VCC
0V
EN INPUT
CL = 150pF to GND
RL =1kΩ to 0.5VCC
0.5VCC
CL = 150pFtoGND
RL =1kΩ to 0.5VCC
VOH
VOL
FIGURE 2. TRANSMITTER OUTPUT ENABLE AND DISABLE
TIMING
VCC
0V
SHDN INPUT
VCC
0V
SHDN INPUT
0V
V+
V-
tDT
+3.7V
-3.7V
CL = 50pF
RL =3kΩ
TRANSMITTER
OUTPUT
TRANSMITTER
OUTPUT
tET
+3.7V
-3.7V
CL = 50pF
RL =3kΩ
0V
ISL8563



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com