Electronic Components Datasheet Search
  English  ▼

X  

ISL8563CP Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL8563CP
Description  3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8563CP Datasheet(HTML) 1 Page - Intersil Corporation

  ISL8563CP Datasheet HTML 1Page - Intersil Corporation ISL8563CP Datasheet HTML 2Page - Intersil Corporation ISL8563CP Datasheet HTML 3Page - Intersil Corporation ISL8563CP Datasheet HTML 4Page - Intersil Corporation ISL8563CP Datasheet HTML 5Page - Intersil Corporation ISL8563CP Datasheet HTML 6Page - Intersil Corporation ISL8563CP Datasheet HTML 7Page - Intersil Corporation ISL8563CP Datasheet HTML 8Page - Intersil Corporation ISL8563CP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
TM
File Number
6005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2001, All Rights Reserved
ISL8563
+3V to +5.5V, 1Microamp, 250kbps,
EIA/TIA-562, EIA/TIA-232
Transmitters/Receivers
The Intersil ISL8563 contains 3.0V to 5.5V powered
transmitters/receivers which meet ElA/TIA-562 and
ElA/TIA-232 specifications, even at VCC = 3.0V. Targeted
applications are PDAs, Palmtops, and notebook and laptop
computers where the low operational, and even lower
standby, power consumption is critical. Efficient on-chip
charge pumps, coupled with a manual powerdown function,
reduce the standby supply current to a 1
µA trickle. Small
footprint packaging, and the use of small, low value
capacitors ensure board space savings as well. Data rates
greater than 250kbps are guaranteed at worst case load
conditions. The ISL8563 is fully compatible with 3.3V only
systems, mixed 3.3V and 5.0V systems, and 5.0V only
systems.
This product features an improved charge pump which
delivers
±5V transmitter supplies, allowing the use of the
ISL8563 in RS-562 and RS-232 applications. RS-562
applications will benefit from the improved noise immunity
afforded by the
±5V output swing capability.
Table 1 summarizes the features of the device represented
by this data sheet, while Application Note AN9863
summarizes the features of each device comprising the 3V
RS-232 family.
For a drop-in compatible part with
±15kV ESD protection,
please see the ISL8563E data sheet.
Features
• Drop in Replacement for MAX563, with Improved Output
Voltage (
±5V) for Enhanced Noise Immunity
• Available as
±15kV ESD Protected Version (ISL8563E)
• Meets EIA/TIA-562, and EIA/TIA-232 Specifications at 3V
• Latch-Up Free
• On-Chip Voltage Converters Require Only Four External
0.1
µF Capacitors
• Receivers Active in Powerdown
• Receiver Hysteresis For Improved Noise Immunity
• Guaranteed Minimum Data Rate .... ...... ... 250kbps
• Guaranteed Minimum Slew Rate .... ...... ..... 4V/
µs
• Wide Power Supply Range.... .... Single +3V to +5.5V
• Low Supply Currentin Powerdown State .... ..... .. 1
µA
Applications
• Any System Requiring RS-562/RS-232 Communication
Ports
- Battery Powered, Hand-Held, and Portable Equipment
- Laptop Computers, Notebooks, Palmtops
- Digital Cameras
- Bar Code Readers
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Application Note AN9863, “3V to +5.5V, 250K-1Mbps,
RS-232 Transmitters/Receivers”
Pinout
ISL8563 (PDIP, SOIC)
TOP VIEW
Ordering Information
PART NO.
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
ISL8563CB
0 to 70
18 Ld SOIC
M18.3
ISL8563CB-T
0 to 70
Tape and Reel
M18.3
ISL8563CP
0 to 70
18 Ld PDIP
E18.3
ISL8563IB
-40 to 85
18 Ld SOIC
M18.3
ISL8563IB-T
-40 to 85
Tape and Reel
M18.3
EN
C1+
V+
C1-
C2+
C2-
V-
T2OUT
R2IN
SHDN
GND
T1OUT
R1IN
R1OUT
T2IN
VCC
T1IN
R2OUT
18
17
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
9
TABLE 1. SUMMARY OF FEATURES
PART
NUMBER
NO. OF
Tx.
NO. OF
Rx.
NO. OF
MONITOR Rx.
(ROUTB)
DATA
RATE
(kbps)
Rx. ENABLE
FUNCTION?
READY
OUTPUT?
MANUAL
POWER-
DOWN?
AUTOMATIC
POWERDOWN
FUNCTION?
ISL8563
2
2
0
250
YES
NO
YES
NO
Data Sheet
March 2001
tle
85
jec
V
V,
cro
,
kb
/TI
62,
/TI
32
s
ers
ei
)
tho
w
rsi
por
n,
ico
cto
-
V
ect
an
y
el,
,


Similar Part No. - ISL8563CP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8563E INTERSIL-ISL8563E Datasheet
97Kb / 10P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
March 2001
ISL8563E INTERSIL-ISL8563E Datasheet
320Kb / 9P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
July 2004
ISL8563ECB INTERSIL-ISL8563ECB Datasheet
320Kb / 9P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
July 2004
ISL8563ECB-T INTERSIL-ISL8563ECB-T Datasheet
320Kb / 9P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
July 2004
ISL8563E INTERSIL-ISL8563E_04 Datasheet
320Kb / 9P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
July 2004
More results

Similar Description - ISL8563CP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
September 2001
ISL8563E INTERSIL-ISL8563E Datasheet
97Kb / 10P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
March 2001
logo
Linear Technology
LTC1327 LINER-LTC1327 Datasheet
223Kb / 8P
3.3V Micropower EIA/TIA-562 Transceiver
logo
Intersil Corporation
ISL8563E INTERSIL-ISL8563E_04 Datasheet
320Kb / 9P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
July 2004
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
logo
Linear Dimensions Semic...
LTC1385IG-PBF LINEAR_DIMENSIONS-LTC1385IG-PBF Datasheet
223Kb / 8P
3.3V Low Power EIA/TIA-562 Transceiver
logo
Linear Technology
LTC1385 LINER-LTC1385_15 Datasheet
213Kb / 8P
3.3V Low Power EIA/TIA-562 Transceiver
LTC1327 LINER-LTC1327_15 Datasheet
204Kb / 8P
3.3V Micropower EIA/TIA-562 Transceiver
logo
Intersil Corporation
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
logo
Renesas Technology Corp
ISL83220E RENESAS-ISL83220E Datasheet
511Kb / 10P
짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com