Electronic Components Datasheet Search
  English  ▼

X  

ITF87012SVT Datasheet(PDF) 5 Page - Intersil Corporation

Part # ITF87012SVT
Description  6A, 20V, 0.035 Ohm, N-Channel, 2.5V Specified Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ITF87012SVT Datasheet(HTML) 5 Page - Intersil Corporation

  ITF87012SVT Datasheet HTML 1Page - Intersil Corporation ITF87012SVT Datasheet HTML 2Page - Intersil Corporation ITF87012SVT Datasheet HTML 3Page - Intersil Corporation ITF87012SVT Datasheet HTML 4Page - Intersil Corporation ITF87012SVT Datasheet HTML 5Page - Intersil Corporation ITF87012SVT Datasheet HTML 6Page - Intersil Corporation ITF87012SVT Datasheet HTML 7Page - Intersil Corporation ITF87012SVT Datasheet HTML 8Page - Intersil Corporation ITF87012SVT Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FIGURE 11. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 12. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Intersil Application Notes AN7254 and AN7260.
FIGURE 13. GATE CHARGE WAVEFORMS FOR CONSTANT
GATE CURRENT
FIGURE 14. SWITCHING TIME vs GATE RESISTANCE
FIGURE 15. SWITCHING TIME vs GATE RESISTANCE
Typical Performance Curves (Continued)
0.90
0.95
1.00
1.10
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
1.05
50
1000
1500
0.1
1.0
10
20
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 0V, f = 1MHz
CISS = CGS + CGD
COSS ≅ CDS + CGD
CRSS = CGD
100
0
1
2
3
4
5
04
6
10
VDD = 10V
Qg, GATE CHARGE (nC)
ID = 5.5A
ID =3A
WAVEFORMS IN
DESCENDING ORDER:
2
8
300
400
500
0
1020304050
0
RGS, GATE TO SOURCE RESISTANCE (Ω)
VGS = 2.5V, VDD = 10V, ID = 3.0A
tr
tf
td(ON)
200
100
td(OFF)
100
200
300
400
0
1020304050
0
RGS, GATE TO SOURCE RESISTANCE (Ω)
VGS = 4.5V, VDD = 10V, ID = 6A
td(OFF)
tr
td(ON)
tf
ITF87012SVT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com