Electronic Components Datasheet Search
  English  ▼

X  

ITF87012SVT Datasheet(PDF) 10 Page - Intersil Corporation

Part # ITF87012SVT
Description  6A, 20V, 0.035 Ohm, N-Channel, 2.5V Specified Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ITF87012SVT Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ITF87012SVT Datasheet HTML 4Page - Intersil Corporation ITF87012SVT Datasheet HTML 5Page - Intersil Corporation ITF87012SVT Datasheet HTML 6Page - Intersil Corporation ITF87012SVT Datasheet HTML 7Page - Intersil Corporation ITF87012SVT Datasheet HTML 8Page - Intersil Corporation ITF87012SVT Datasheet HTML 9Page - Intersil Corporation ITF87012SVT Datasheet HTML 10Page - Intersil Corporation ITF87012SVT Datasheet HTML 11Page - Intersil Corporation ITF87012SVT Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
SPICE Thermal Model
REV 24 Jan 2000
ITF87012SVT
Copper Area = 0.02 in2
CTHERM1 th 8 1.10e-3
CTHERM2 8 7 5.00e-3
CTHERM3 7 6 7.00e-3
CTHERM4 6 5 9.00e-3
CTHERM5 5 4 1.10e-2
CTHERM6 4 3 4.00e-2
CTHERM7 3 2 3.00e-1
CTHERM8 2 tl 1.50
RTHERM1 th 8 0.25
RTHERM2 8 7 0.60
RTHERM3 7 6 1.25
RTHERM4 6 5 8.00
RTHERM5 5 4 10.00
RTHERM6 4 3 43.00
RTHERM7 3 2 48.00
RTHERM8 2 tl 50.00
SABER Thermal Model
Copper Area = 0.02 in2
template thermal_model th tl
thermal_c th, tl
{
ctherm.ctherm1 th 8 = 1.10e-3
ctherm.ctherm2 8 7 = 5.00e-3
ctherm.ctherm3 7 6 = 7.00e-3
ctherm.ctherm4 6 5 = 9.00e-3
ctherm.ctherm5 5 4 = 1.10e-2
ctherm.ctherm6 4 3 = 4.00e-2
ctherm.ctherm7 3 2 = 3.00e-1
ctherm.ctherm8 2 tl = 1.50
rtherm.rtherm1 th 8 = 0.25
rtherm.rtherm2 8 7 = 0.60
rtherm.rtherm3 7 6 = 1.25
rtherm.rtherm4 6 5 = 8.00
rtherm.rtherm5 5 4 = 10.00
rtherm.rtherm6 4 3 = 43.00
rtherm.rtherm7 3 2 = 48.00
rtherm.rtherm8 2 tl = 50.00
}
RTHERM6
RTHERM8
RTHERM7
RTHERM5
RTHERM4
RTHERM3
CTHERM4
CTHERM6
CTHERM5
CTHERM3
CTHERM2
CTHERM1
tl
2
3
4
5
6
7
JUNCTION
CASE
8
th
RTHERM2
RTHERM1
CTHERM7
CTHERM8
TABLE 1. Thermal Models
COMPONANT
0.02 in2
0.05 in2
0.10 in2
0.25 in2
0.40 in2
CTHERM6
4.00e-2
4.00e-2
4.20e-2
4.00e-2
4.00e-2
CTHERM7
3.00e-1
3.50e-1
3.30e-1
3.00e-1
2.80e-1
CTHERM8
1.50
1.50
1.50
1.50
1.50
RTHERM6
43
35
35
27
27
RTHERM7
48
40
37
30
29
RTHERM8
50
45
42
45
37
ITF87012SVT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com