Electronic Components Datasheet Search
  English  ▼

X  

BAS16-3 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAS16-3
Description  Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAS16-3 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAS16-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAS16-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BAS16-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
Diodes
1
www.kexin.com.cn
■
Features
●
Fast Switching Speed
●
For General Purpose Switching Applications
●
High Conductance
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRWM
DC Blocking Voltage
VR
RMS Reverse Voltage
VR(RMS)
53
V
Average Rectified Output Current
IO
200
mA
Forward Continuous Current
IFM
300
mA
Non-Repetitive Peak Forward Surge Current @ t = 1.0μs
2.0
@ t = 1.0s
1.0
Power Dissipation
Pd
250
mW
Thermal Resistance Junction to Ambient Air
RθJA
357
/W
Operating and Storage Temperature Range
T,TSTG
-55 to +150
℃
A
75
V
IFSM
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Reverse Breakdown Voltage
V(BR)R IR=100μA
75
V
IF = 1.0mA
0.715
IF = 10mA
0.855
IF = 50mA
1.0
IF = 150mA
1.25
VR = 75V
1.0
μ
A
VR = 20V
25
nA
Junction Capacitance
Cj
VR = 0, f = 1.0MHz
2
pF
Reverse Recovery Time
trr
IF = IR = 10mA,Irr = 0.1 X IR, RL = 100 Ω
4
ns
V
VF
Forward Voltage
IR
Leakage Current
Marking
Marking
A6t
℃
Switching Diodes
BAS16 (KAS16)
0.4 +0.1
-0.1
2.9 +0.2
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.2
1
2
3
Unit: mm
SOT-23-3
0.15 +0.02
-0.02


Similar Part No. - BAS16-3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAS16-02 INFINEON-BAS16-02 Datasheet
517Kb / 10P
Silicon Switching Diode
Dec-04-2003
BAS16-02L INFINEON-BAS16-02L Datasheet
517Kb / 10P
Silicon Switching Diode
Dec-04-2003
BAS16-02L INFINEON-BAS16-02L Datasheet
1,015Kb / 21P
Silicon Switching Diode
2009-09-28
BAS16-02V INFINEON-BAS16-02V Datasheet
517Kb / 10P
Silicon Switching Diode
Dec-04-2003
BAS16-02V INFINEON-BAS16-02V Datasheet
1,015Kb / 21P
Silicon Switching Diode
2009-09-28
More results

Similar Description - BAS16-3

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA193 PANASONIC-MA193 Datasheet
99Kb / 4P
Switching Diodes
logo
Pan Jit International I...
1N4148 PANJIT-1N4148_10 Datasheet
75Kb / 2P
SWITCHING DIODES
BAV19 PANJIT-BAV19 Datasheet
70Kb / 2P
SWITCHING DIODES
logo
Micro Commercial Compon...
BAV300 MCC-BAV300 Datasheet
716Kb / 3P
Switching Diodes
logo
Shenzhen Jin Yu Semicon...
BAT54W HTSEMI-BAT54W Datasheet
328Kb / 2P
SWITCHING Diodes
logo
Rugao Dachang Electroni...
LL4148 DACHANG-LL4148 Datasheet
124Kb / 2P
Switching Diodes
logo
Shenzhen Luguang Electr...
1SS184 LUGUANG-1SS184 Datasheet
238Kb / 2P
Switching Diodes
1SS226 LUGUANG-1SS226 Datasheet
250Kb / 2P
Switching Diodes
logo
WILLAS ELECTRONIC CORP
1SS400 WILLAS-1SS400 Datasheet
514Kb / 2P
SWITCHING Diodes
logo
AiT Semiconductor Inc.
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com