Electronic Components Datasheet Search
  English  ▼

X  

BAS16-3 Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAS16-3
Description  Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAS16-3 Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  BAS16-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAS16-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BAS16-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
Diodes
3
www.kexin.com.cn
0
50
100
150
0
100
200
300
400
500
I
- FO
RWA
RD
CUR
REN
T ST
EAD
Y ST
ATE
- mA
o
R
A
Io - AVERA
GE RECTIF
IED CURRE
NT- mA
IRR (Reverse Recovery Current) = 1.0 mA - Rloop = 100 Ohms
10
20
30
40
50
60
1
1.5
2
2.5
3
3.5
4
Reverse Current [mA]
Ta= 25°C
0
50
100
150
200
0
100
200
300
400
500
AverageTemperature, IO ( C)
o
SOT-23 Pkg
0
5
1
0
0
1
0
5
0
0
1 00
2 00
3 00
4 00
I
F (AV) - AVER
A GE
R ECTIF
IED C
U RRE
N T - m
A
Ambient Temperature, T
A [ C]
Figure 7. Reverse Recovery Time
Figure 8. Average Rectified Current (I
F(AV)
)
vs Reverse Current
versus Ambient Temperature (T
A
)
TRR - IR 10 mA vs 60 mA
Figrue 9. Power Derating Curve
o
Switching Diodes
BAS16 (KAS16)
■
Typical Characterisitics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com