Electronic Components Datasheet Search
  English  ▼

X  

RF340 Datasheet(PDF) 5 Page - Intersil Corporation

Part # RF340
Description  10A, 400V, 0.550 Ohm, N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RF340 Datasheet(HTML) 5 Page - Intersil Corporation

  RF340 Datasheet HTML 1Page - Intersil Corporation RF340 Datasheet HTML 2Page - Intersil Corporation RF340 Datasheet HTML 3Page - Intersil Corporation RF340 Datasheet HTML 4Page - Intersil Corporation RF340 Datasheet HTML 5Page - Intersil Corporation RF340 Datasheet HTML 6Page - Intersil Corporation RF340 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
FIGURE 10. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 11. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
FIGURE 12. TRANSCONDUCTANCE vs DRAIN CURRENT
FIGURE 13. SOURCE TO DRAIN DIODE VOLTAGE
FIGURE 14. GATE TO SOURCE VOLTAGE vs GATE CHARGE
Typical Performance Curves (Continued)
1.25
1.15
1.05
0.95
0.85
0.75
-60
0
20
120
160
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
-40
-20
140
100
40
60
80
2500
2000
1500
1000
500
0
110
100
VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
CRSS
COSS
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGS
1000
TJ = 150
oC
TJ = 25
oC
04
8
12
16
20
ID, DRAIN CURRENT (A)
15
12
9
6
3
0
VDS ≥ 50V
80
µs PULSE TEST
0
0.3
0.6
0.9
1.2
1.5
VSD, SOURCE TO DRAIN VOLTAGE (V)
100
10
1
0.1
TJ = 150
oC
TJ = 25
oC
20
16
12
8
4
0
0
122436
48
60
Qg(TOT), TOTAL GATE CHARGE (nC)
ID = 10A
VDS = 320V
VDS = 200V
VDS = 80V
IRF340



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com