Electronic Components Datasheet Search
  English  ▼

X  

RF340 Datasheet(PDF) 1 Page - Intersil Corporation

Part # RF340
Description  10A, 400V, 0.550 Ohm, N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RF340 Datasheet(HTML) 1 Page - Intersil Corporation

  RF340 Datasheet HTML 1Page - Intersil Corporation RF340 Datasheet HTML 2Page - Intersil Corporation RF340 Datasheet HTML 3Page - Intersil Corporation RF340 Datasheet HTML 4Page - Intersil Corporation RF340 Datasheet HTML 5Page - Intersil Corporation RF340 Datasheet HTML 6Page - Intersil Corporation RF340 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
File Number
2307.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
IRF340
10A, 400V, 0.550 Ohm, N-Channel
Power MOSFET
This N-Channel enhancement mode silicon gate power field
effect transistor is designed, tested and guaranteed to
withstand a specific level of energy in the breakdown
avalanche mode of operation. These MOSFETs are
designed for applications such as switching regulators,
switching converters, motor drivers, relay drivers, and drivers
for high power bipolar switching transistors requiring high
speed and low gate drive power. These types can be
operated directly from integrated circuits.
Formerly developmental type TA17424.
Features
• 10A, 400V
•rDS(ON) = 0.550Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power-Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Majority Carrier Device
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
JEDEC TO-204AE
Ordering Information
PART NUMBER
PACKAGE
BRAND
IRF340
TO-204AE
IRF340
NOTE: When ordering, use the entire part number.
D
G
S
DRAIN
(FLANGE)
SOURCE (PIN 2)
GATE (PIN 1)
Data Sheet
March 1999


Similar Part No. - RF340

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3404 RFMD-RF3404 Datasheet
202Kb / 12P
DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER MODULE
logo
Murata Manufacturing Co...
RF3404 MURATA-RF3404 Datasheet
201Kb / 2P
433.92 MHz SAW Filter
logo
RF Monolithics, Inc
RF3404D RFM-RF3404D Datasheet
86Kb / 5P
433.92 MHz SAW Filter
logo
Murata Manufacturing Co...
RF3404D MURATA-RF3404D Datasheet
86Kb / 5P
433.92 MHz SAW Filter
logo
RF Monolithics, Inc
RF3404E RFM-RF3404E Datasheet
122Kb / 4P
433.92 MHz SAW Filter
More results

Similar Description - RF340

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF740 INTERSIL-IRF740 Datasheet
56Kb / 7P
10A, 400V, 0.550 Ohm, N-Channel Power MOSFET
July 1999
IRFP340 INTERSIL-IRFP340 Datasheet
57Kb / 7P
11A, 400V, 0.550 Ohm, N-Channel Power MOSFET
July 1999
logo
Hi-Sincerity Mocroelect...
HIRF740 HSMC-HIRF740 Datasheet
50Kb / 4P
N-Channel Power MOSFET (400V, 10A)
logo
Unisonic Technologies
UF740 UTC-UF740 Datasheet
163Kb / 6P
10A, 400V, 0.55 OHM, N-CHANNEL POWER MOSFET
logo
Tak Cheong Electronics ...
TFF740 TAK_CHEONG-TFF740 Datasheet
281Kb / 7P
N-Channel Power MOSFET 10A, 400V, 0.55廓
TFP740 TAK_CHEONG-TFP740 Datasheet
302Kb / 7P
N-Channel Power MOSFET 10A, 400V, 0.55廓
logo
Thinki Semiconductor Co...
IRF740PBF THINKISEMI-IRF740PBF Datasheet
914Kb / 6P
10A,400V Heatsink N-Channel Type Power MOSFET
logo
First Components Intern...
IRF740 FCI-IRF740 Datasheet
444Kb / 3P
10A 400V N CHANNEL POWER MOSFET
IRF740FP FCI-IRF740FP Datasheet
208Kb / 3P
10A 400V N CHANNEL POWER MOSFET
logo
Jiangsu Donghai Semicon...
740 WXDH-740 Datasheet
1Mb / 12P
10A 400V N-channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com