Electronic Components Datasheet Search
  English  ▼

X  

RFP15P06 Datasheet(PDF) 5 Page - Intersil Corporation

Part # RFP15P06
Description  15A, 60V, 0.150 Ohm, P-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP15P06 Datasheet(HTML) 5 Page - Intersil Corporation

  RFP15P06 Datasheet HTML 1Page - Intersil Corporation RFP15P06 Datasheet HTML 2Page - Intersil Corporation RFP15P06 Datasheet HTML 3Page - Intersil Corporation RFP15P06 Datasheet HTML 4Page - Intersil Corporation RFP15P06 Datasheet HTML 5Page - Intersil Corporation RFP15P06 Datasheet HTML 6Page - Intersil Corporation RFP15P06 Datasheet HTML 7Page - Intersil Corporation RFP15P06 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4-107
FIGURE 12. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Intersil Application Notes AN7254 and AN7260.
FIGURE 13. NORMALIZED SWITCHING WAVEFORMS FOR
CONSTANT GATE CURRENT
Test Circuits and Waveforms
FIGURE 14. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 15. UNCLAMPED ENERGY WAVEFORMS
FIGURE 16. SWITCHING TIME TEST CIRCUIT
FIGURE 17. RESISTIVE SWITCHING WAVEFORMS
Typical Performance Curves Unless Otherwise Specified (Continued)
1400
1000
800
400
0
0
-5
-10
-15
-20
-25
VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
COSS
CRSS
200
600
1200
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGS
-60
-45
-30
-15
0
-10
-7.5
-5
-2.5
0
20
IG(REF)
IG(ACT)
80
IG(REF)
IG(ACT)
t, TIME (
µs)
VDD = BVDSS
VDD = BVDSS
RL = 3.33Ω
IG(REF) = 0.65mA
0.75 BVDSS
0.50 BVDSS
0.25 BVDSS
0.75 BVDSS
0.50 BVDSS
0.25 BVDSS
VGS = -10V
tP
0.01
Ω
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VGS
VDD
VDS
BVDSS
tP
IAS
tAV
0
VGS
RL
RGS
DUT
+
-
VDD
VDS
VGS
td(ON)
tr
90%
10%
VDS
90%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
tON
10%
0
0
RFD15P06, RFD15P06SM, RFP15P06



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com