Electronic Components Datasheet Search
  English  ▼

X  

RFP15P06 Datasheet(PDF) 2 Page - Intersil Corporation

Part # RFP15P06
Description  15A, 60V, 0.150 Ohm, P-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP15P06 Datasheet(HTML) 2 Page - Intersil Corporation

  RFP15P06 Datasheet HTML 1Page - Intersil Corporation RFP15P06 Datasheet HTML 2Page - Intersil Corporation RFP15P06 Datasheet HTML 3Page - Intersil Corporation RFP15P06 Datasheet HTML 4Page - Intersil Corporation RFP15P06 Datasheet HTML 5Page - Intersil Corporation RFP15P06 Datasheet HTML 6Page - Intersil Corporation RFP15P06 Datasheet HTML 7Page - Intersil Corporation RFP15P06 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4-104
Absolute Maximum Ratings TC = 25oC Unless Otherwise Specified
RFD15P06, RFD15P06SM, RFP15P06
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VDSS
-60
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . VDGR
-60
V
Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Pulsed Drain Current (Figure 5) (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . IDM
15
Refer to Peak Current Curve
A
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VGS
±20
V
Pulsed Avalanche Rating (Figure 6) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS
Refer to UIS Curve
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
Linear Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
80
0.533
W
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 175
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . Tpkg
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 150oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V
-60
-
-
V
Gate to Source Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA
-2.0
-
-4.0
V
Zero Gate Voltage Drain Current
IDSS
VDS = Rated BVDSS, VGS = 0V
-
-
-1
µA
VDS = 0.8 x Rated BVDSS, TC = 150
oC
-
-
-25
µA
Gate to Source Leakage Current
IGSS
VGS = ±20V
-
-
±100
nA
Drain to Source On Resistance (Note 2)
rDS(ON)
ID ≈ 15A, VGS = -10V, (Figure 9)
-
-
0.150
W
Turn-On Time
tON
VDD = -30V, ID = 7.5A
RL = 4.0Ω, VGS = -10V
RG = 12.5Ω
(Figure 13)
-
-
60
ns
Turn-On Delay Time
td(ON)
-16-
ns
Rise Time
tr
-30-
ns
Turn-Off Delay Time
td(OFF)
-50-
ns
Fall Time
tf
-20-
ns
Turn-Off Time
tOFF
-
-
100
ns
Total Gate Charge
Qg(TOT)
VGS = 0V to -20V
VDD = -48V, ID = 15A,
RL = 3.20Ω
IG(REF) = 0.65mA
-
-
150
nC
Gate Charge at -10V
Qg(-10)
VGS = 0V to -10V
-
-
75
nC
Threshold Gate Charge
Qg(TH)
VGS = 0V to -2V
-
-
3.5
nC
Input Capacitance
CISS
VDS = -25V, VGS = 0V
f = 1MHz
(Figure 12)
-
1150
-
pF
Output Capacitance
COSS
-
300
-
pF
Reverse Transfer Capacitance
CRSS
-56-
pF
Thermal Resistance Junction to Case
RθJC
TO-220AB, TO-251AA, TO-252AA
-
-
1.875
oC/W
Thermal Resistance Junction to Ambient
RθJA
TO-251AA, TO-252AA
-
-
100
oC/W
TO-220AB
-
-
62
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage (Notte 2)
VSD
ISD = -15A
-
-
-1.5
V
Reverse Recovery Time
trr
ISD = -15A, dISD/dt = 100A/µs
-
-
125
ns
NOTES:
2. Pulsed: pulse duration
≤ 300ms Max, duty cycle ≤ 2%.
3. Repetitive rating: pulse width limited by maximum junction temperature. See Transient Thermal Impedance curve (Figure 3).
RFD15P06, RFD15P06SM, RFP15P06



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com