Electronic Components Datasheet Search
  English  ▼

X  

RFD16N02 Datasheet(PDF) 2 Page - Intersil Corporation

Part # RFD16N02
Description  16A, 20V, 0.022 Ohm, N-Channel, Logic Level, Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD16N02 Datasheet(HTML) 2 Page - Intersil Corporation

  RFD16N02 Datasheet HTML 1Page - Intersil Corporation RFD16N02 Datasheet HTML 2Page - Intersil Corporation RFD16N02 Datasheet HTML 3Page - Intersil Corporation RFD16N02 Datasheet HTML 4Page - Intersil Corporation RFD16N02 Datasheet HTML 5Page - Intersil Corporation RFD16N02 Datasheet HTML 6Page - Intersil Corporation RFD16N02 Datasheet HTML 7Page - Intersil Corporation RFD16N02 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Absolute Maximum Ratings TC = 25oC
RFD16N02L, RFD16N02LSM
UNITS
Drain to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS
20
V
Drain to Gate Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
20
V
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
±10
V
Drain Current
RMS Continuous. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Pulsed Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
16
Refer to Peak Current Curve
A
Pulsed Avalanche Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .EAS
Refer to UIS Curve
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .PD
Derate Above 25oC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
90
0.606
W
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .TJ, TSTG
-55 to 175
oC
Soldering Temperature of Leads for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
260
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications TC = 25oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V
20
-
-
V
Gate to Source Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA1
-
2
V
Zero Gate Voltage Drain Current
IDSS
VDS = 20V,
VGS = 0V
TC = 25
oC-
-
1
µA
TC = 150
oC-
-
50
µA
Gate to Source Leakage Current
IGSS
VGS = ±10V
-
-
±100
nA
Drain to Source On Resistance
rDS(ON)
ID = 16A, VGS = 5V
-
-
0.022
Ω
Turn-On Time
tON
VDD = 15V, ID ≅ 16A,
RL = 0.93Ω, VGS = 5V,
RGS = 5Ω
-
-
120
ns
Turn-On Delay Time
td(ON)
-15-
ns
Rise Time
tr
-95-
ns
Turn-Off Delay Time
td(OFF)
-25-
ns
Fall Time
tf
-27-
ns
Turn-Off Time
tOFF
-
-
80
ns
Total Gate Charge
Qg(TOT)
VGS = 0V to 10V VDD ≅ 16V,
ID ≈ 16A,
RL = 1.0Ω
-50
60
nC
Gate Charge at 5V
Qg(5)
VGS = 0V to 5V
-
30
36
nC
Threshold Gate Charge
Qg(TH)
VGS = 0V to 1V
-
1.5
1.8
nC
Input Capacitance
CISS
VDS = 20V, VGS = 0V,
f = 1MHz
-
1300
-
pF
Output Capacitance
COSS
-
724
-
pF
Reverse Transfer Capacitance
CRSS
-
250
-
pF
Thermal Resistance Junction to Case
RθJC
-
-
1.65
oC/W
Thermal Resistance Junction to Ambient
RθJA
TO-251 and TO-252
-
-
100
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage
VSD
ISD = 16A
-
-
1.5
V
Reverse Recovery Time
trr
ISD = 16A, dISD/dt = 100A/µs-
-
80
ns
RFD16N02L, RFD16N02LSM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com