Electronic Components Datasheet Search
  English  ▼

X  

RFD16N02 Datasheet(PDF) 3 Page - Intersil Corporation

Part # RFD16N02
Description  16A, 20V, 0.022 Ohm, N-Channel, Logic Level, Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD16N02 Datasheet(HTML) 3 Page - Intersil Corporation

  RFD16N02 Datasheet HTML 1Page - Intersil Corporation RFD16N02 Datasheet HTML 2Page - Intersil Corporation RFD16N02 Datasheet HTML 3Page - Intersil Corporation RFD16N02 Datasheet HTML 4Page - Intersil Corporation RFD16N02 Datasheet HTML 5Page - Intersil Corporation RFD16N02 Datasheet HTML 6Page - Intersil Corporation RFD16N02 Datasheet HTML 7Page - Intersil Corporation RFD16N02 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Typical Performance Curves
FIGURE 1. NORMALIZED POWER DISSIPATION vs
TEMPERATURE DERATING
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. PEAK CURRENT CAPABILITY
TC, CASE TEMPERATURE (
oC)
0
0
25
50
75
100
175
0.2
0.4
0.6
0.8
1.0
1.2
125
150
10
5
0
25
50
75
100
125
150
TC, CASE TEMPERATURE (
oC)
20
175
15
t, RECTANGULAR PULSE DURATION (s)
101
10-3
10-2
10-1
100
1
10-5
PDM
t1
t2
SINGLE PULSE
.01
.02
.05
0.1
0.2
0.5
10-4
2
0.01
0.1
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x R
θJC x ZθJC + TC
VDS, DRAIN TO SOURCE VOLTAGE (V)
10
50
1
500
10
1
DC
100
µs
1ms
10ms
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
100
VDSS MAX = 20V
100ms
TC = 25
oC
TJ = MAX RATED
t, PULSE WIDTH (s)
10
10-5
10-4
10-3
10-2
10-1
100
101
100
500
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
I
= I25
175 - TC
150
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
VGS = 10V
VGS = 5V
TC = 25
oC
RFD16N02L, RFD16N02LSM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com