Electronic Components Datasheet Search
  English  ▼

X  

ADV473 Datasheet(PDF) 10 Page - Analog Devices

Part # ADV473
Description  CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV473 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADV473 Datasheet HTML 4Page - Analog Devices ADV473 Datasheet HTML 5Page - Analog Devices ADV473 Datasheet HTML 6Page - Analog Devices ADV473 Datasheet HTML 7Page - Analog Devices ADV473 Datasheet HTML 8Page - Analog Devices ADV473 Datasheet HTML 9Page - Analog Devices ADV473 Datasheet HTML 10Page - Analog Devices ADV473 Datasheet HTML 11Page - Analog Devices ADV473 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADV473
–10–
REV. A
7.5 IRE
SYNC LEVEL
BLANK LEVEL
BLACK LEVEL
WHITE LEVEL
26.67
1.000
9.05
0.340
7.62
0.286
0.000
0.00
MA
V
92.5 IRE
40 IRE
NOTE:
75
Ω DOUBLY TERMINATED LOAD, SETUP = 7.5 IRE, V
REF = 1.235 V, RSET = 140Ω
RS-343A LEVELS AND TOLERANCES ASSUMED ON ALL LEVELS.
Figure 5. Composite Video Output Waveform (Setup = 7.5 IRE)
Table VI. Video Output Truth Table (Setup = 7.5 IRE)
IOUT
DAC
Description
(mA)
SYNC BLANK
Input Data
WHITE
26.67
1
1
FFH
DATA
Data+9.05
1
1
Data
DATA-SYNC
Data+1.44
0
1
Data
BLACK
9.05
1
1
00H
BLACK-SYNC
1.44
0
1
00H
BLANK
7.62
1
0
XXH
SYNC
0
0
0
XXH
NOTE
Typical with full-scale IOR, IOG, IOB = 26.67 mA, SETUP = 7.5 IRE,
VREF = 1.235 V, RSET = 140 Ω. External voltage reference adjusted for
26.67 mA full-scale output.
25.24
0.950
7.62
0.286
0.000
0.00
MA
V
SYNC LEVEL
BLACK/BLANK
LEVEL
WHITE LEVEL
100 IRE
43 IRE
NOTE:
75
Ω DOUBLY TERMINATED LOAD, SETUP = 0 IRE, V
REF = 1.235 V, RSET = 140Ω
RS-343A LEVELS AND TOLERANCES ASSUMED ON ALL LEVELS.
Figure 6. Composite Video Output Waveform (Setup = 0 IRE)
Table VII. Video Output Truth Table (SETUP = 0 IRE)
IOUT
DAC
Description
(mA)
SYNC BLANK
Input Data
WHITE
25.24
1
1
FFH
DATA
Data+7.62
1
1
Data
DATA-SYNC
Data
0
1
Data
BLACK
7.62
1
1
00H
BLACK-SYNC
0
0
1
00H
BLANK
7.62
1
0
XXH
SYNC
0
0
0
XXH
NOTE
Typical with full-scale IOR, IOG, IOB = 25.24 mA, SETUP = 0 IRE,
VREF = 1.235 V, RSET = 140 Ω. External voltage reference adjusted for
26.67 mA full-scale output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com