Electronic Components Datasheet Search
  English  ▼

X  

ADV473 Datasheet(PDF) 12 Page - Analog Devices

Part # ADV473
Description  CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV473 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADV473 Datasheet HTML 4Page - Analog Devices ADV473 Datasheet HTML 5Page - Analog Devices ADV473 Datasheet HTML 6Page - Analog Devices ADV473 Datasheet HTML 7Page - Analog Devices ADV473 Datasheet HTML 8Page - Analog Devices ADV473 Datasheet HTML 9Page - Analog Devices ADV473 Datasheet HTML 10Page - Analog Devices ADV473 Datasheet HTML 11Page - Analog Devices ADV473 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ADV473
–12–
REV. A
Analog Signal Interconnect
The ADV473 should be located as close as possible to the out-
put connectors to minimize noise pickup and reflections due to
impedance mismatch.
The video output signals should overlay the ground plane, and
not the analog power plane, to maximize the high frequency
power supply rejection.
For maximum performance, the analog outputs should each
have a 75
Ω load resistor connected to GND. The connection
between the current output and GND should be as close as pos-
sible to the ADV473 to minimize reflections.
For more information on circuit board design and layout, see
application note entitled “Design and Layout of a Video Graph-
ics System for Reduced EMI” available from Analog Devices,
Publication No. E1309-15-10/89.
COMPONENT
DESCRIPTION
VENDOR PART NUMBER
C1 – C5
0.1
µF CERAMIC CAPACITOR
ERIE RPE112Z5U104M50V
C6
10
µF TANTALUM CAPACITOR
MALLORY CSR13G106KM
L1
FERRITE BEAD
FAIR-RITE 2743001111
R1, R2, R3
75
Ω 1% METAL FILM RESISTOR
R
SET
1% METAL FILM RESISTOR
0.1
µF
ANALOG POWER PLANE
IOR
IOG
IOB
V
AA
ADV473
V
REFIN
75
Ω
75
Ω
V
REFOUT
CO-AXIAL CABLE
(75
Ω)
GND
BNC
CONNECTORS
75
Ω
75
Ω
75
Ω
MONITOR
(CRT)
0.1
µF
10
µF
POWER SUPPLY DECOUPLING
(0.1
µF CAPACITOR FOR
EACH V
REF GROUP )
0.1
µF
L1
(FERRITE
BEAD)
COMP
COMP
+5V (V
AA )
0.1
µF
+5V (V
AA )
+5V (V
CC )
R
SET
140
Ω
R
SET
0.1
µF
75
Ω
Figure 8. Typical Connection Diagram (Internal Voltage
Reference)
Package Thermal Considerations
In certain circumstances, the 135 MHz version of the ADV473
may require forced air cooling or the addition of a heatsink. The
68-pin PLCC has a heat resistance characteristic as shown in
Table VIII.
It should be noted that information on Package Thermal Characteris-
tics published herein may not be the most up to date at the time of
reading this. Advances in packaging technology will inevitably lead
to improvements in thermal data. Please contact your local sales office
for the most up-to-date information.
Table VIII. Thermal Resistance vs. Airflow
Air Velocity
(Linear Feet/Min)
0 (Still Air)
50
100
200
θ
JA (
°C/W)
32
26
19
16
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Plastic Leaded Chip Carrier
(P-68A)
0.954 (24.23)
0.950 (24.13)
SQ
0.995 (25.27)
0.885 (22.48)
SQ
61
10
44
9
43
26
60
TOP VIEW
PIN 1
IDENTIFIER
27
0.029 (0.74)
0.027 (0.69)
0.019 (0.48)
0.017 (0.43)
0.175 (4.45)
0.169 (4.29)
0.925 (23.50)
0.895 (22.73)
0.104 (2.64) TYP
0.050
(1.27)
TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com