Electronic Components Datasheet Search
  English  ▼

X  

ADV601LC Datasheet(PDF) 18 Page - Analog Devices

Part # ADV601LC
Description  Ultralow Cost Video Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV601LC Datasheet(HTML) 18 Page - Analog Devices

Back Button ADV601LC Datasheet HTML 14Page - Analog Devices ADV601LC Datasheet HTML 15Page - Analog Devices ADV601LC Datasheet HTML 16Page - Analog Devices ADV601LC Datasheet HTML 17Page - Analog Devices ADV601LC Datasheet HTML 18Page - Analog Devices ADV601LC Datasheet HTML 19Page - Analog Devices ADV601LC Datasheet HTML 20Page - Analog Devices ADV601LC Datasheet HTML 21Page - Analog Devices ADV601LC Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
ADV601LC
–18–
REV. 0
Host Interface Pins
(Continued)
Name
Pins
I/O
Description
ACK
1
O
Host Acknowledge. The ADV601LC acknowledges completion of a Host Interface
access by asserting this pin. Most Host Interface accesses (other than the com-
pressed data register access) result in ACK being held high for at least one wait
cycle, but some exceptions to that rule are as follows:
•
A full FIFO during decode operations causes the ADV601LC to de-assert
•
(drive HI) the ACK pin, holding off further writes of compressed data until
•
the FIFO has one available location.
•
An empty FIFO during encode operations causes the ADV601LC to de-assert
(drive HI) the ACK pin, holding off further reads until one location is filled.
FIFO_SRQ
1
O
FIFO Service Request. This pin is an active high signal indicating that the FIFO
needs to be serviced by the host. (see FIFO Control register). The state of this pin
also appears in the Interrupt Mask/Status register. Use the interrupt mask to assert a
Host interrupt (HIRQ pin) based on the state of the FIFO_SRQ pin. This pin oper-
ates as follows:
•
LO No FIFO Service Request condition (FIFOSRQ bit LO)
•
HI FIFO needs service is nearly full (encode) or nearly empty (decode)
During encode, FIFO_SRQ is LO when the SWR bit is cleared (0) and goes HI
when the FIFO is nearly full (see FIFO Control register).
During decode, FIFO_SRQ is HI when the SWR bit is cleared (0), because FIFO
is empty, and goes LO when the FIFO is filled beyond the nearly empty condition
(see FIFO Control register).
STATS_R
1
O
Statistics Ready. This pin indicates the Wavelet Statistics (contents of Sum of
Squares, Sum of Value, MIN Value, MAX Value registers) have been updated and
are ready for the Bin Width calculator to read them from the host interface. The
frequency of this interrupt will be equal to the field rate. The state of this pin also
appears in the Interrupt Mask/Status register. Use the interrupt mask to assert a
Host interrupt (HIRQ pin) based on the state of the STATS_R pin. This pin oper-
ates as follows:
•
LO No Statistics Ready condition (STATSR bit LO)
•
HI Statistics Ready for BW calculator (STATSR bit HI)
LCODE
1
O
Last Compressed Data (for field). This bit indicates the last compressed data word
for field will be retrieved from the FIFO on the next read from the host bus. The
frequency of this interrupt is similar to the field rate, but varies depending on
compression and host response. The state of this pin also appears in the Interrupt
Mask/Status register. Use the interrupt mask to assert a Host interrupt (HIRQ pin)
based on the state of the LCODE pin. This pin operates as follows:
•
LO No Last Code condition (LCODE bit LO)
•
HI Last data word for field has been read from FIFO (LCODE bit HI)
HIRQ
1
O
Host Interrupt Request. This pin indicates an interrupt request to the Host. The
Interrupt Mask/Status register can select conditions for this interrupt based on any
or all of the following: FIFOSTP, FIFOSRQ, FIFOERR, LCODE, STATR or
CCIR-656 unrecoverable error. Note that the polarity of the HIRQ pin can be
modified using the Mode Control register.
RESET
1
I
ADV601LC Chip Reset. Asserting this pin returns all registers to reset state. Note
that the ADV601LC must be reset at least once after power-up with this active low
signal input. For more information on reset, see the SWR bit description.
Power Supply Pins
Name
Pins
I/O
Description
GND
16
I
Ground
VDD
13
I
+5 V dc Digital Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com