Electronic Components Datasheet Search
  English  ▼

X  

RFD3055LE Datasheet(PDF) 4 Page - Intersil Corporation

Part # RFD3055LE
Description  11A, 60V, 0.107 Ohm, Logic Level, N-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD3055LE Datasheet(HTML) 4 Page - Intersil Corporation

  RFD3055LE Datasheet HTML 1Page - Intersil Corporation RFD3055LE Datasheet HTML 2Page - Intersil Corporation RFD3055LE Datasheet HTML 3Page - Intersil Corporation RFD3055LE Datasheet HTML 4Page - Intersil Corporation RFD3055LE Datasheet HTML 5Page - Intersil Corporation RFD3055LE Datasheet HTML 6Page - Intersil Corporation RFD3055LE Datasheet HTML 7Page - Intersil Corporation RFD3055LE Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
6-4
NOTE: Refer to Intersil Application Notes AN9321 and AN9322
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING
FIGURE 7. SATURATION CHARACTERISTICS
FIGURE 8. TRANSFER CHARACTERISTICS
FIGURE 9. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 10. SWITCHING TIME vs GATE RESISTANCE
FIGURE 11. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
Typical Performance Curves Unless Otherwise Specified (Continued)
10
100
0.001
0.01
0.1
1
10
1
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 25
oC
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
STARTING TJ = 150
oC
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 3V
VGS = 5V
VGS = 10V
VGS = 4V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
3
6
9
12
15
01234
0
VGS = 3.5V
TC = 25
oC
3
6
9
12
15
2345
0
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
TJ = 175
oC
TJ = 25
oC
TJ = -55
oC
90
120
150
24
6
8
10
60
ID = 3A
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
TC = 25
oC
ID = 11A
ID = 5A
50
100
150
0
1020304050
0
RGS, GATE TO SOURCE RESISTANCE (Ω)
VGS = 4.5V, VDD = 30V, ID = 8A
tr
tf
td(ON)
td(OFF)
1.0
1.5
2.0
2.5
-80
-40
0
40
80
120
160
200
0.5
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 10V, ID = 11A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
RFD3055LE, RFD3055LESM, RFP3055LE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com