Electronic Components Datasheet Search
  English  ▼

X  

RFD3055LE Datasheet(PDF) 1 Page - Intersil Corporation

Part # RFD3055LE
Description  11A, 60V, 0.107 Ohm, Logic Level, N-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD3055LE Datasheet(HTML) 1 Page - Intersil Corporation

  RFD3055LE Datasheet HTML 1Page - Intersil Corporation RFD3055LE Datasheet HTML 2Page - Intersil Corporation RFD3055LE Datasheet HTML 3Page - Intersil Corporation RFD3055LE Datasheet HTML 4Page - Intersil Corporation RFD3055LE Datasheet HTML 5Page - Intersil Corporation RFD3055LE Datasheet HTML 6Page - Intersil Corporation RFD3055LE Datasheet HTML 7Page - Intersil Corporation RFD3055LE Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
6-1
File Number
4044.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
PSPICE® is a registered trademark of MicroSim Corporation.
1-888-INTERSIL or 407-727-9207
| Copyright
© Intersil Corporation 1999
RFD3055LE, RFD3055LESM, RFP3055LE
11A, 60V, 0.107 Ohm, Logic Level,
N-Channel Power MOSFETs
These N-Channel enhancement-mode power MOSFETs are
manufactured using the latest manufacturing process
technology. This process, which uses feature sizes
approaching those of LSI circuits, gives optimum utilization
of silicon, resulting in outstanding performance. They were
designed for use in applications such as switching
regulators, switching converters, motor drivers and relay
drivers. These transistors can be operated directly from
integrated circuits.
Formerly developmental type TA49158.
Features
• 11A, 60V
•rDS(ON) = 0.107Ω
• Temperature Compensating PSPICE® Model
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
Ordering Information
PART NUMBER
PACKAGE
BRAND
RFD3055LE
TO-251AA
F3055L
RFD3055LESM
TO-252AA
F3055L
RFP3055LE
TO-220AB
FP3055LE
NOTE: When ordering, use the entire part number. Add the suffix, 9A,
to obtain the TO-252 variant in tape and reel, e.g. RFD3055LESM9A.
D
G
S
JEDEC TO-220AB
JEDEC TO-251AA
JEDEC TO-252AA
GATE
DRAIN (FLANGE)
SOURCE
DRAIN
SOURCE
DRAIN (FLANGE)
GATE
DRAIN
GATE
SOURCE
DRAIN (FLANGE)
Data Sheet
November 1999


Similar Part No. - RFD3055LE

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFD3055LE FAIRCHILD-RFD3055LE Datasheet
416Kb / 8P
11A, 60V, 0.107 Ohm, Logic Level, N-Channel Power MOSFETs
RFD3055LE FAIRCHILD-RFD3055LE Datasheet
1Mb / 8P
N-Channel Logic Level Power MOSFET
logo
VBsemi Electronics Co.,...
RFD3055LE VBSEMI-RFD3055LE Datasheet
960Kb / 7P
N-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
RFD3055LE ISC-RFD3055LE Datasheet
309Kb / 2P
isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
RFD3055LESM FAIRCHILD-RFD3055LESM Datasheet
416Kb / 8P
11A, 60V, 0.107 Ohm, Logic Level, N-Channel Power MOSFETs
More results

Similar Description - RFD3055LE

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76407D3 FAIRCHILD-HUF76407D3 Datasheet
234Kb / 10P
11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76407P3 FAIRCHILD-HUF76407P3 Datasheet
209Kb / 10P
12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76407D3 FAIRCHILD-HUFA76407D3 Datasheet
234Kb / 10P
11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76407P3 FAIRCHILD-HUFA76407P3 Datasheet
209Kb / 10P
12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
RFD3055LE FAIRCHILD-RFD3055LE Datasheet
416Kb / 8P
11A, 60V, 0.107 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
HUF76407D3 INTERSIL-HUF76407D3 Datasheet
334Kb / 9P
11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
October 1999
HUF76407P3 INTERSIL-HUF76407P3 Datasheet
340Kb / 9P
12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
October 1999
RFD14N06L INTERSIL-RFD14N06L Datasheet
83Kb / 8P
14A, 60V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
July 1999
RFD4N06L INTERSIL-RFD4N06L Datasheet
38Kb / 5P
4A, 60V, 0.600 Ohm, Logic Level, N-Channel Power MOSFETs
June 1999
logo
Fairchild Semiconductor
RFD4N06L FAIRCHILD-RFD4N06L Datasheet
351Kb / 5P
4A, 60V, 0.600 Ohm, Logic Level, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com