Electronic Components Datasheet Search
  English  ▼

X  

RFD8P05 Datasheet(PDF) 3 Page - Intersil Corporation

Part # RFD8P05
Description  8A, 50V, 0.300 Ohm, P-Channel Power MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD8P05 Datasheet(HTML) 3 Page - Intersil Corporation

  RFD8P05 Datasheet HTML 1Page - Intersil Corporation RFD8P05 Datasheet HTML 2Page - Intersil Corporation RFD8P05 Datasheet HTML 3Page - Intersil Corporation RFD8P05 Datasheet HTML 4Page - Intersil Corporation RFD8P05 Datasheet HTML 5Page - Intersil Corporation RFD8P05 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4-114
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. FORWARD BIAS SAFE OPERATING AREA
FIGURE 4. UNCLAMPED INDUCTIVE SWITCHING CAPABILITY
FIGURE 5. SATURATION CHARACTERISTICS
FIGURE 6. TRANSFER CHARACTERISTICS
TC, CASE TEMPERATURE (
oC)
25
50
75
100
125
150
175
0
0
0
0.2
0.4
0.6
0.8
1.0
1.2
-4
-2
0
25
50
75
100
125
150
-8
TC, CASE TEMPERATURE (
oC)
-10
-6
175
10
1
0.1
-1
-10
-100
VDS, DRAIN TO SOURCE VOLTAGE (V)
TC = 25
oC
DC OPERATION
TJ = 175
oC
OPERATION IN THIS
AREA IS LIMITED BY rDS(ON)
100
10
1
0.1
1
10
100
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 150
oC
STARTING TJ = 25
oC
If R = 0
tAV = (L) (IAS) / (1.3 RATED BVDSS - VDD)
If R
≠ 0
tAV = (L/R) ln [(IAS*R) / (1.3 RATED BVDSS - VDD) + 1]
IDM
0
0
-2
-4
-6
-10
-8
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = -6V
VGS = -10V
-8
VGS = -7V
VGS = -5V
VGS = -8V
-20
-12
-16
-4
PULSE DURATION = 80
µs
TC = 25
oC
VGS = -9V
VGS = -4V
DUTY CYCLE = 0.5% MAX
0
-6
-9
-12
-15
-3
0
8
175oC
PULSE DURATION = 80
µs
VDD = 15V
VGS, GATE TO SOURCE VOLTAGE (V)
-55oC
25oC
20
16
12
4
DUTY CYCLE = 0.5% MAX
RFD8P05, RFD8P05SM, RFP8P05



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com