Electronic Components Datasheet Search
  English  ▼

X  

RFP30P06 Datasheet(PDF) 3 Page - Intersil Corporation

Part # RFP30P06
Description  30A, 60V, 0.065 Ohm, P-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP30P06 Datasheet(HTML) 3 Page - Intersil Corporation

  RFP30P06 Datasheet HTML 1Page - Intersil Corporation RFP30P06 Datasheet HTML 2Page - Intersil Corporation RFP30P06 Datasheet HTML 3Page - Intersil Corporation RFP30P06 Datasheet HTML 4Page - Intersil Corporation RFP30P06 Datasheet HTML 5Page - Intersil Corporation RFP30P06 Datasheet HTML 6Page - Intersil Corporation RFP30P06 Datasheet HTML 7Page - Intersil Corporation RFP30P06 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
4-135
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. PEAK CURRENT CAPABILITY
TC, CASE TEMPERATURE (
oC)
25
50
75
100
125
150
175
0
0
0
0.2
0.4
0.6
0.8
1.0
1.2
-20
-10
0
25
50
75
100
125
150
175
TC, CASE TEMPERATURE (
oC)
-30
-40
0.01
0.02
0.05
0.1
0.2
0.5
SINGLE PULSE
2
1
0.1
0.01
10-5
10-4
10-3
10-2
10-1
100
101
t, RECTANGULAR PULSE DURATION (s)
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
-200
-100
-10
-1
-1
-10
-100
VDS, DRAIN TO SOURCE VOLTAGE (V)
100ms
DC
10ms
1ms
100
µs
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(ON)
TC = 25
oC
TJ = MAX RATED
FOR TEMPERATURES ABOVE 25oC
DERATE PEAK CURRENT
CAPABILITY AS FOLLOWS:
10-5
10-4
10-3
10-2
10-1
100
101
-100
t, PULSE WIDTH (s)
VGS = -20V
VGS = -10V
-10
II
25
175
T
C
–
150
----------------------



=
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
-500
TC = 25
oC
RFG30P06, RFP30P06, RF1S30P06SM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com