Electronic Components Datasheet Search
  English  ▼

X  

MBRL1040CT Datasheet(PDF) 4 Page - Yea Shin Technology Co., Ltd

Part # MBRL1040CT
Description  10A SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

MBRL1040CT Datasheet(HTML) 4 Page - Yea Shin Technology Co., Ltd

  MBRL1040CT Datasheet HTML 1Page - Yea Shin Technology Co., Ltd MBRL1040CT Datasheet HTML 2Page - Yea Shin Technology Co., Ltd MBRL1040CT Datasheet HTML 3Page - Yea Shin Technology Co., Ltd MBRL1040CT Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
包装规范
Packing 包装 Dimension 尺寸
Qty 数
量
Picture 图示
Bag/Tube
袋/管装
527mm*33mm*7mm
50
PCS
Inner box
内盒
555mm*140mm*55mm
2000
PCS
Carton
外箱
575mm*285mm *155mm
8000
PCS
TO/ITO220
亞 昕 科 技 股 份 有 限 公 司
YEASHIN TECHNOLOGY CO., LTD.
http://www.yeashin.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com