Electronic Components Datasheet Search
  English  ▼

X  

MBRL1040CT Datasheet(PDF) 3 Page - Yea Shin Technology Co., Ltd

Part # MBRL1040CT
Description  10A SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

MBRL1040CT Datasheet(HTML) 3 Page - Yea Shin Technology Co., Ltd

  MBRL1040CT Datasheet HTML 1Page - Yea Shin Technology Co., Ltd MBRL1040CT Datasheet HTML 2Page - Yea Shin Technology Co., Ltd MBRL1040CT Datasheet HTML 3Page - Yea Shin Technology Co., Ltd MBRL1040CT Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Marking Information
http://www.yeashin.com
亞 昕 科 技 股 份 有 限 公 司
YEASHIN TECHNOLOGY CO., LTD.
MB RL 1 0 xxCT
XXXX
□
Line 1: YS Logo and Date code
The first half of Line 1: YS logo
The second half of Line 1:
YYWW: Year,
YYWW: Week.
Line 2 : Device name and Package type
MBR: Schottky Barrier Rectifier
xx: 10 Ampere Series product.
10xx: The peak reverse Voltage of product.
Line 3 : Device Structure symbol
10
L
: Low VF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com