Electronic Components Datasheet Search
  English  ▼

X  

RFP2N15 Datasheet(PDF) 1 Page - Intersil Corporation

Part # RFP2N15
Description  2A, 120V and 150V, 1.750 Ohm, N-Channel Power MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP2N15 Datasheet(HTML) 1 Page - Intersil Corporation

  RFP2N15 Datasheet HTML 1Page - Intersil Corporation RFP2N15 Datasheet HTML 2Page - Intersil Corporation RFP2N15 Datasheet HTML 3Page - Intersil Corporation RFP2N15 Datasheet HTML 4Page - Intersil Corporation RFP2N15 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5-1
Semiconductor
Features
• 2A, 120V and 150V
•rDS(ON) = 1.750Ω
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Description
These are N-Channel enhancement mode silicon gate
power field effect transistors designed for applications such
as switching regulators, switching converters, motor drivers,
relay drivers and drivers for high power bipolar switching
transistors requiring high speed and low gate drive power.
These types can be operated directly from integrated cir-
cuits.
Formerly developmental type TA09196.
Symbol
Packaging
JEDEL TO-220AB
Ordering Information
PART NUMBER
PACKAGE
BRAND
RFP2N12
TO-220AB
RFP2N12
RFP2N15
TO-220AB
RFP2N15
NOTE: When ordering, include the entire part number.
G
D
S
SOURCE
DRAIN
GATE
DRAIN
(FLANGE)
September 1998
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper ESD Handling Procedures.
Copyright
© Harris Corporation 1998
File Number
2882.1
RFP2N12,
RFP2N15
2A, 120V and 150V, 1.750 Ohm,
N-Channel Power MOSFETs
[ /Title
(RFP2N
12,
RFP2N1
5)
/Subject
(2A,
120V
and
150V,
1.75
Ohm, N-
Channel
Power
MOS-
FETs)
/Author
()
/Key-
words
(Harris
Semi-
conduc-
tor, N-
Channel
Power
MOS-
FETs,
TO-
220AB)
/Creator
()
/DOCIN
FO pdf-
mark
[ /Page-
Mode


Similar Part No. - RFP2N15

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RFP2N15 VBSEMI-RFP2N15 Datasheet
1Mb / 9P
N-Channel 200 V (D-S) MOSFET
logo
Inchange Semiconductor ...
RFP2N15 ISC-RFP2N15 Datasheet
348Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - RFP2N15

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFL1N12 INTERSIL-RFL1N12 Datasheet
43Kb / 5P
1A, 120V and 150V, 1.9 Ohm, N-Channel Power MOSFETs
January 1998
RFL1N12L INTERSIL-RFL1N12L Datasheet
31Kb / 4P
1A, 120V and 150V, 1.900 Ohm, Logic Level, N-Channel Power MOSFETs
September 1998
RFL2N05 INTERSIL-RFL2N05 Datasheet
44Kb / 5P
2A, 50V and 60V, 0.95 Ohm, N-Channel Power MOSFETs
January 1998
RFL4N12 INTERSIL-RFL4N12 Datasheet
31Kb / 4P
4A, 120V and 150V, 0.400 Ohm, N-Channel Power MOSFETs
September 1998
RFP10N15 INTERSIL-RFP10N15 Datasheet
40Kb / 5P
10A, 150V, 0.300 Ohm, N-Channel Power MOSFETs
March 1999
RFP15N15 INTERSIL-RFP15N15 Datasheet
36Kb / 5P
15A, 150V, 0.150 Ohm, N-Channel Power MOSFETs
October 1998
RFP2N08 INTERSIL-RFP2N08 Datasheet
46Kb / 4P
2A, 80V and 100V, 1.05 Ohm, N-Channel Power MOSFETs
July 1998
RFP2N12L INTERSIL-RFP2N12L Datasheet
35Kb / 5P
2A, 120V, 1.750 Ohm, Logic Level, N-Channel Power MOSFET
April 1999
logo
New Jersey Semi-Conduct...
RFP2N08 NJSEMI-RFP2N08 Datasheet
93Kb / 2P
2A, 80V and 100V, 1.05 Ohm, N-Channel Power MOSFETs
RFL2N05 NJSEMI-RFL2N05 Datasheet
94Kb / 2P
2A, 50V and 60V, 0.95 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com