Electronic Components Datasheet Search
  English  ▼

X  

RFP2N15 Datasheet(PDF) 2 Page - Intersil Corporation

Part # RFP2N15
Description  2A, 120V and 150V, 1.750 Ohm, N-Channel Power MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP2N15 Datasheet(HTML) 2 Page - Intersil Corporation

  RFP2N15 Datasheet HTML 1Page - Intersil Corporation RFP2N15 Datasheet HTML 2Page - Intersil Corporation RFP2N15 Datasheet HTML 3Page - Intersil Corporation RFP2N15 Datasheet HTML 4Page - Intersil Corporation RFP2N15 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
5-2
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
RFP2N12
RFP2N15
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDS
120
150
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . VDGR
120
150
V
Continuous Drain Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
22
A
Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .IDM
55
A
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
±20
±20
V
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
25
25
W
Linear Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
0.2
0.2
W/ oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 150
-55 to 150
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . .TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . Tpkg
300
260
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 125oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V
RFP2N12
120
-
-
V
RFP2N15
150
-
-
V
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA, (Figure 8)
2
-
4
V
Zero-Gate Voltage Drain Current
IDSS
VDS = Rated BVDSS , VGS = 0V
-
-
1
µA
VDS = 0.8 x Rated BVDSS, VGS =
0V, TC = 125
oC
--
25
µA
Gate to Source Leakage Current
IGSS
VGS = ±20V, VDS = 0V
-
-
±100
nA
Drain to Source On Resistance (Note 2)
rDS(ON)
ID = 2A, VGS = 10V(Figures 6, 7)
-
-
1.750
Ω
Drain to Source On Voltage
VDS(ON)
ID = 2A, VGS = 10V
-
-
3.5
V
Turn-On Delay Time
td(ON)
ID ≈ 1A, VDD = 75V, RG = 50Ω,
RL = 73Ω, VGS = 10V
(Figures 10, 11, 12)
-17
25
ns
Rise Time
tr
-30
45
ns
Turn-Off Delay Time
td(OFF)
-30
45
ns
Fall Time
tf
-17
25
ns
Input Capacitance
CISS
VGS = 0V, VDS = 25V
f = 1MHz, (Figure 9)
-
-
200
pF
Output Capacitance
COSS
-
-
80
pF
Reverse-Transfer Capacitance
CRSS
-
-
25
pF
Thermal Resistance Junction to Case
R
θJC
--
5
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage (Note 2)
VSD
ISD = -1A
-
-
1.4
V
Diode Reverse Recovery Time
trr
ISD = 2A, dlSD/dt = 50A/µs
-
150
-
ns
NOTES:
2. Pulsed test: Pulse width
≤ 300µs duty cycle ≤ 2%.
3. Repetitive rating: pulse width limited by maximum junction temperature.
RFP2N12, RFP2N15



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com