Electronic Components Datasheet Search
  English  ▼

X  

RFP2N20 Datasheet(PDF) 1 Page - Intersil Corporation

Part # RFP2N20
Description  2A, 200V, 3.500 Ohm, N-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP2N20 Datasheet(HTML) 1 Page - Intersil Corporation

  RFP2N20 Datasheet HTML 1Page - Intersil Corporation RFP2N20 Datasheet HTML 2Page - Intersil Corporation RFP2N20 Datasheet HTML 3Page - Intersil Corporation RFP2N20 Datasheet HTML 4Page - Intersil Corporation RFP2N20 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4-
518
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
RFP2N20
2A, 200V, 3.500 Ohm, N-Channel Power
MOSFET
These are N-Channel enhancement mode silicon gate
power field effect transistors designed for applications such
as switching regulators, switching converters, motor drivers,
relay drivers and drivers for high power bipolar switching
transistors requiring high speed and low gate drive power.
These types can be operated directly from integrated
circuits.
Formerly developmental type TA09289.
Features
• 2A, 200V
•rDS(ON) = 3.500Ω
Symbol
Packaging
JEDEC TO-220AB
Ordering Information
PART NUMBER
PACKAGE
BRAND
RFP2N20
TO-220AB
RFP2N20
NOTE: When ordering, include the entire part number.
G
D
S
SOURCE
DRAIN
GATE
DRAIN
(FLANGE)
July 1999
File Number
2881.2
Data Sheet


Similar Part No. - RFP2N20

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
RFP2N20 ISC-RFP2N20 Datasheet
348Kb / 2P
isc N-Channel MOSFET Transistor
logo
Intersil Corporation
RFP2N20L INTERSIL-RFP2N20L Datasheet
35Kb / 5P
2A, 200V, 3.500 Ohm, Logic Level, N-Channel Power MOSFET
July 1999
logo
New Jersey Semi-Conduct...
RFP2N20L NJSEMI-RFP2N20L Datasheet
92Kb / 2P
N-Channel Logic Level Power Field-Effect Transistors (L2 FET)
RFP2N20L NJSEMI-RFP2N20L Datasheet
92Kb / 2P
N-Channel Logic Level Power Field-Effect Transistors (L2 FET)
More results

Similar Description - RFP2N20

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF250 INTERSIL-IRF250 Datasheet
57Kb / 7P
30A, 200V, 0.085 Ohm, N-Channel Power MOSFET
March 1999
IRF610 INTERSIL-IRF610 Datasheet
55Kb / 7P
3.3A, 200V, 1.500 Ohm, N-Channel Power MOSFET
June 1999
IRFD210 INTERSIL-IRFD210 Datasheet
52Kb / 6P
0.6A, 200V, 1.500 Ohm, N-Channel Power MOSFET
July 1999
IRFD220 INTERSIL-IRFD220 Datasheet
51Kb / 6P
0.8A, 200V, 0.800 Ohm, N-Channel Power MOSFET
July 1999
IRFF210 INTERSIL-IRFF210 Datasheet
325Kb / 7P
2.2A, 200V, 1.500 Ohm, N-Channel Power MOSFET
March 1999
IRFF230 INTERSIL-IRFF230 Datasheet
327Kb / 7P
5.5A, 200V, 0.400 Ohm, N-Channel Power MOSFET
March 1999
IRFPG40 INTERSIL-IRFPG40 Datasheet
46Kb / 6P
4.3A, 1000V, 3.500 Ohm, N-Channel Power MOSFET
July 1999
RFP2N20L INTERSIL-RFP2N20L Datasheet
35Kb / 5P
2A, 200V, 3.500 Ohm, Logic Level, N-Channel Power MOSFET
July 1999
RFP2P08 INTERSIL-RFP2P08 Datasheet
39Kb / 5P
-2A, -80V and -100V, 3.500 Ohm, P-Channel Power MOSFETs
October 1998
logo
Fairchild Semiconductor
IRFD220 FAIRCHILD-IRFD220 Datasheet
91Kb / 7P
0.8A, 200V, 0.800 Ohm, N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com