Electronic Components Datasheet Search
  English  ▼

X  

RFP2N20 Datasheet(PDF) 2 Page - Intersil Corporation

Part # RFP2N20
Description  2A, 200V, 3.500 Ohm, N-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP2N20 Datasheet(HTML) 2 Page - Intersil Corporation

  RFP2N20 Datasheet HTML 1Page - Intersil Corporation RFP2N20 Datasheet HTML 2Page - Intersil Corporation RFP2N20 Datasheet HTML 3Page - Intersil Corporation RFP2N20 Datasheet HTML 4Page - Intersil Corporation RFP2N20 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
4-
519
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
RFP2N20
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS
200
V
Drain to Gate Voltage (RGS = 20k
Ω) (Note 1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VDGR
200
V
Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .ID
2A
Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
5A
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VGS
±20
V
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
25
W
Linear Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
0.2
W/ oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 150
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Tpkg
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 125oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0
200
-
-
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA, (Figure 8)
2
-
4
V
Zero Gate Voltage Drain Current
IDSS
VDS = Rated BVDSS
--
1
µA
VDS = 0.8 x Rated BVDSS, TC = 125
oC-
-
25
µA
Gate to Source Leakage Current
IGSS
VGS = ±20V, VDS = 0
-
-
±100
nA
Drain to Source On Resistance (Note 2)
rDS(ON)
ID = 2A, VGS = 10V, (Figures 6, 7)
-
-
3.500
Ω
Drain to Source On Voltage (Note 2)
VDS(ON)
ID = 2A, VGS = 10V
-
-
7.0
V
Turn-On Delay Time
td(ON)
ID ≈ 1A, VDD = 100V, RG = 50Ω
VGS = 10V, RL = 96.5Ω
(Figure 10)
-15
25
ns
Rise Time
tr
-20
30
ns
Turn-Off Delay Time
td(OFF)
-25
40
ns
Fall Time
tf
-15
25
ns
Input Capacitance
CISS
VGS = 0V, VDS = 25V
f = 1MHz, (Figure 9)
-
-
200
pF
Output Capacitance
COSS
-
-
60
pF
Reverse-Transfer Capacitance
CRSS
-
-
25
pF
Thermal Resistance Junction to Case
R
θJC
--
5
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage (Note 2)
VSD
ISD = 1A
-
-
1.4
V
Diode Reverse Recovery Time
trr
ISD = 2A, dlSD/dt = 50A/µs
-
200
-
ns
NOTES:
2. Pulsed test: width
≤ 300µs duty cycle ≤ 2%.
3. Repetitive rating: pulse width limited by maximum junction temperature.
RFP2N20



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com