Electronic Components Datasheet Search
  English  ▼

X  

ADV7401 Datasheet(PDF) 13 Page - Analog Devices

Part # ADV7401
Description  10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7401 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADV7401 Datasheet HTML 9Page - Analog Devices ADV7401 Datasheet HTML 10Page - Analog Devices ADV7401 Datasheet HTML 11Page - Analog Devices ADV7401 Datasheet HTML 12Page - Analog Devices ADV7401 Datasheet HTML 13Page - Analog Devices ADV7401 Datasheet HTML 14Page - Analog Devices ADV7401 Datasheet HTML 15Page - Analog Devices ADV7401 Datasheet HTML 16Page - Analog Devices ADV7401 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADV7401
Rev. B | Page 13 of 20
DETAILED FUNCTIONALITY
ANALOG FRONT END
•
Four high quality 10-bit ADCs enable true 8-bit video
decoder
•
12 analog input channel mux enables multisource
connection without the requirement of an external mux
•
Four current and voltage clamp control loops ensure any
dc offsets are removed from the video signal
•
SCART functionality and SD RGB overlay on CVBS
controlled by fast blank input
•
Four internal antialias filters to remove out-of-band noise
on standard definition input video signals
SDP PIXEL DATA OUTPUT MODES
•
8-bit ITU-R BT.656 4:2:2 YCrCb with embedded time
codes and/or HS, VS, and FIELD
•
16-bit YCrCb with embedded time codes and/or HS, VS,
and FIELD
•
24-bit YCrCb with embedded time codes and/or HS, VS,
and FIELD
CP PIXEL DATA OUTPUT MODES
•
Single data rate (SDR) 8-bit 4:2:2 YCrCb for 525i, 625i
•
Single data rate (SDR) 16-bit 4:2:2 YCrCb for all standards
•
Single data rate (SDR) 24-bit 4:4:4 YCrCb/RGB for all
standards
•
Double data rate (DDR) 8-bit 4:2:2 YCrCb for all standards
•
Double data rate (DDR) 12-bit 4:4:4 YCrCb/RGB for all
standards
COMPOSITE AND S-VIDEO PROCESSING
•
Support for NTSC (J, M, 4.43), PAL (B, D, I, G, H, M, N,
60) and SECAM B/D/G/K/L standards in the form of
CVBS and S-video
•
Superadaptive 2D 5-line comb filters for NTSC and PAL
give superior chrominance and luminance separation for
composite video
•
Full automatic detection and autoswitching of all
worldwide standards (PAL/NTSC/SECAM)
•
Automatic gain control with white peak mode ensures the
video is always processed without loss of the video
processing range
•
Adaptive digital line length tracking (ADLLT™)
•
Proprietary architecture for locking to weak, noisy, and
unstable sources from VCRs and tuners
•
IF filter block compensates for high frequency luma
attenuation due to tuner SAW filter
•
Chroma transient improvement (CTI)
•
Luminance digital noise reduction (DNR)
•
Color controls include hue, brightness, saturation, contrast,
and Cr and Cb offset controls
•
Certified Macrovision copy protection detection on
composite and S-video for all worldwide formats
(PAL/NTSC/SECAM)
•
4× oversampling (54 MHz) for CVBS, S-video, and YUV
modes
•
Line-locked clock output (LLC)
•
Letterbox detection supported
•
Free-run output mode provides stable timing when no
video input is present
•
Vertical blanking interval data processor
TeleText
Video Programming System (VPS)
Vertical Interval Time Codes (VITC)
Closed captioning (CC) and extended data service (EDS)
Wide screen signaling (WSS)
Copy generation management system (CGMS)
Gemstar™ 1×/2× electronic program guide compatible
•
Clocked from a single 28.63636 MHz crystal
•
Subcarrier frequency lock (SFL) output for downstream
video encoder
•
Differential gain typically 0.5%
•
Differential phase typically 0.5°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com