Electronic Components Datasheet Search
  English  ▼

X  

ADV7401 Datasheet(PDF) 16 Page - Analog Devices

Part # ADV7401
Description  10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7401 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADV7401 Datasheet HTML 12Page - Analog Devices ADV7401 Datasheet HTML 13Page - Analog Devices ADV7401 Datasheet HTML 14Page - Analog Devices ADV7401 Datasheet HTML 15Page - Analog Devices ADV7401 Datasheet HTML 16Page - Analog Devices ADV7401 Datasheet HTML 17Page - Analog Devices ADV7401 Datasheet HTML 18Page - Analog Devices ADV7401 Datasheet HTML 19Page - Analog Devices ADV7401 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADV7401
Rev. B | Page 16 of 20
The output section of the CP is highly flexible. It can be config-
ured in single data rate mode (SDR) with one data packet per
clock cycle or in a double data rate (DDR) mode where data is
presented on the rising and falling edges of the clock. In SDR
mode, a 16-bit 4:2:2 or 24-bit 4:4:4 output is possible. In these
modes HS, VS, and FIELD/DE (where applicable) timing refer-
ence signals are provided. In DDR mode, the ADV7401 can be
configured in an 8-bit 4:2:2 YCrCb or 12-bit 4:4:4 RGB/ YCrCb
pixel output interface with corresponding timing signals.
The ADV7401 is capable of supporting an external DVI/
HDMI receiver. The digital interface expects 24-bit 4:4:4 or
16-bit 4:2:2 bit data (either graphics RGB or component video
YCrCb), accompanied by HS, VS, DE, and a fully synchronous
clock signal. The data is processed in the CP and output as
16-bit 4:2:2 YCrCb data.
The CP section contains circuitry to enable the detection of
Macrovision encoded YPrPb signals for 525i, 625i, 525p, and
625p. It is designed to be fully robust when decoding these
types of signals.
VBI extraction of CGMS data is performed by the CP section
of the ADV7401 for interlaced, progressive, and high definition
scanning rates. The data extracted can be read back over the
I2C interface. For more detailed product information about the
ADV7401, contact your local ADI sales office or email
video.products@analog.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com