Electronic Components Datasheet Search
  English  ▼

X  

ADXL103CE Datasheet(PDF) 12 Page - Analog Devices

Part # ADXL103CE
Description  Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL103CE Datasheet(HTML) 12 Page - Analog Devices

Back Button ADXL103CE Datasheet HTML 8Page - Analog Devices ADXL103CE Datasheet HTML 9Page - Analog Devices ADXL103CE Datasheet HTML 10Page - Analog Devices ADXL103CE Datasheet HTML 11Page - Analog Devices ADXL103CE Datasheet HTML 12Page - Analog Devices ADXL103CE Datasheet HTML 13Page - Analog Devices ADXL103CE Datasheet HTML 14Page - Analog Devices ADXL103CE Datasheet HTML 15Page - Analog Devices ADXL103CE Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADXL103/ADXL203
Data Sheet
Rev. E | Page 12 of 16
ALL MODELS
PERCENT SENSITIVITY (%)
0
30
25
20
15
10
5
35
40
Figure 35. Z vs. X Cross-Axis Sensitivity
TEMPERATURE (°C)
0.3
0.8
0.7
0.6
0.5
0.4
0.9
150
100
50
0
–50
VS = 5V
VS = 3V
Figure 36. Supply Current vs. Temperature
PERCENT SENSITIVITY (%)
0
30
25
20
15
10
5
35
40
Figure 37. Z vs. Y Cross-Axis Sensitivity
TIME
Figure 38. Turn-On Time; CX, CY = 0.1 µF, Time Scale = 2 ms/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com