Electronic Components Datasheet Search
  English  ▼

X  

ADXL103CE Datasheet(PDF) 2 Page - Analog Devices

Part # ADXL103CE
Description  Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL103CE Datasheet(HTML) 2 Page - Analog Devices

  ADXL103CE Datasheet HTML 1Page - Analog Devices ADXL103CE Datasheet HTML 2Page - Analog Devices ADXL103CE Datasheet HTML 3Page - Analog Devices ADXL103CE Datasheet HTML 4Page - Analog Devices ADXL103CE Datasheet HTML 5Page - Analog Devices ADXL103CE Datasheet HTML 6Page - Analog Devices ADXL103CE Datasheet HTML 7Page - Analog Devices ADXL103CE Datasheet HTML 8Page - Analog Devices ADXL103CE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADXL103/ADXL203
Data Sheet
Rev. E | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagrams............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
ESD Caution.................................................................................. 4
Pin Configurations and Function Descriptions ........................... 5
Typical Performance Characteristics ............................................. 6
ADXL103 and ADXL203.............................................................. 6
AD22293........................................................................................ 9
AD22035 and AD22037 ............................................................ 10
All Models ................................................................................... 12
Theory of Operation ...................................................................... 13
Performance................................................................................ 13
Applications Information .............................................................. 14
Power Supply Decoupling ......................................................... 14
Setting the Bandwidth Using CX and CY ................................. 14
Self Test........................................................................................ 14
Design Trade-Offs for Selecting Filter Characteristics: The
Noise/Bandwidth Trade-Off ..................................................... 14
Using the ADXL103/ADXL203 with Operating Voltages
Other than 5 V............................................................................ 15
Using the ADXL203 as a Dual-Axis Tilt Sensor ........................ 15
Outline Dimensions....................................................................... 16
Ordering Guide .......................................................................... 16
Automotive Products................................................................. 16
REVISION HISTORY
1/14—Rev. D to Rev. E
Changes to Ordering Guide .......................................................... 16
9/11—Rev. C to Rev. D
Added AD22293, AD22035, and AD22037............... Throughout
Changes to Application Section and General Description
Section................................................................................................ 1
Changes to Table 1............................................................................ 3
Deleted Figure 13 and Figure 14: Renumbered Sequentially ..... 7
Deleted Figure 17 and Figure 22..................................................... 8
Added Figure 19 to Figure 24; Renumbered Sequentially .......... 9
Added Figure 25 to Figure 34........................................................ 10
Added All Models Section, Figure 35 to Figure 38 .................... 12
Changes to Figure 39...................................................................... 13
Changes to Ordering Guide .......................................................... 16
Changes to Automotive Products Section................................... 16
5/10—Rev. B to Rev. C
Changes to Figure 24 Caption....................................................... 12
Added Automotive Products Section........................................... 12
4/10—Rev. A to Rev. B
Changes to Features Section ............................................................1
Updated Outline Dimensions....................................................... 12
Changes to Ordering Guide.......................................................... 12
2/06—Rev. 0 to Rev. A
Changes to Features ..........................................................................1
Changes to Table 1.............................................................................3
Changes to Figure 2...........................................................................4
Changes to Figure 3 and Figure 4....................................................5
Changes to the Performance Section..............................................9
4/04—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com