Electronic Components Datasheet Search
  English  ▼

X  

UPC8002GR Datasheet(PDF) 8 Page - NEC

Part # UPC8002GR
Description  SECOND MIXER IF AMPLIFIER FOR DIGITAL CORDLESS TELEPHONES
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8002GR Datasheet(HTML) 8 Page - NEC

Back Button UPC8002GR Datasheet HTML 4Page - NEC UPC8002GR Datasheet HTML 5Page - NEC UPC8002GR Datasheet HTML 6Page - NEC UPC8002GR Datasheet HTML 7Page - NEC UPC8002GR Datasheet HTML 8Page - NEC UPC8002GR Datasheet HTML 9Page - NEC UPC8002GR Datasheet HTML 10Page - NEC UPC8002GR Datasheet HTML 11Page - NEC UPC8002GR Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
µPC8002
8
(2) Pin Functions
No.
Pin Name
I/O
Function
1
PD
I
Power on/off control signal input
2
MIX OUT
O
Mixer output
3VCC (IF)
–
IF amplifier and RSSI power supply pin
4VCC (MIX)
–
Mixer power supply pin
5
LO IN
I
Local input
6
GND (IF)
–
IF amplifier and RSSI ground pin
7
GND (MIX)
–
Mixer ground pin
8
MIX IN1
I
Mixer input
9
MIX IN2
I
Filter capacitor connection
10
RSSI OUT
O
RSSI output
11
IF2 OUT
O
IF amplifier 2 output
12
VCC (IF OUT)
–
IF amplifier output stage power supply pin
13
GND (IF OUT)
–
IF amplifier output stage ground pin
14
BYPASS3
–
Filter capacitor connection (IF2 side)
15
IF2 IN
I
IF amplifier 2 input
16
BYPASS4
–
Filter capacitor connection (IF2 side)
17
IF1 OUT
O
IF amplifier 1 output
18
BYPASS2
–
Filter capacitor connection (IF1 side)
19
IF1 IN
I
IF amplifier 1 input
20
BYPASS1
–
Filter capacitor connection (IF1 side)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com