Electronic Components Datasheet Search
  English  ▼

X  

UPC8002GR Datasheet(PDF) 1 Page - NEC

Part # UPC8002GR
Description  SECOND MIXER IF AMPLIFIER FOR DIGITAL CORDLESS TELEPHONES
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8002GR Datasheet(HTML) 1 Page - NEC

  UPC8002GR Datasheet HTML 1Page - NEC UPC8002GR Datasheet HTML 2Page - NEC UPC8002GR Datasheet HTML 3Page - NEC UPC8002GR Datasheet HTML 4Page - NEC UPC8002GR Datasheet HTML 5Page - NEC UPC8002GR Datasheet HTML 6Page - NEC UPC8002GR Datasheet HTML 7Page - NEC UPC8002GR Datasheet HTML 8Page - NEC UPC8002GR Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC8002
The
µPC8002 is a monolithic IC developed for use in digital cordless telephones. Its internal equivalent circuits
comprise a double balanced mixer (DBM), IF amplifier circuit, and RSSI (Received Signal Strength Indicator) circuit.
The
µPC8002 can operate on a wide range of power supply voltages from 2.7 V to 5.5 V, and incorporates a power-
off function, making it ideal for achieving low set power consumption.
The package is a 20-pin plastic shrink SOP (225 mil) suitable for high-density surface mounting.
FEATURES
•
Low-voltage, low-consumption-current operation possible (VCC = 2.7 to 5.5 V, ICC = 3.4 mA at VCC = 3 V)
•
Wide mixer input frequency range (fMIX = 250 MHz (TYP.) to 500 MHz (MAX.))
•
Wide IF amplifier input frequency range (fIF = 8 MHz (MIN.) to 12 MHz (MAX.), 10.7 MHz (TYP.))
•
High limiting sensitivity (SL = –100 dBm (TYP.))
•
Wide RSSI dynamic range (DR = 85 dB (TYP.))
•
On-chip power-off function
•
Use of 20-pin plastic shrink SOP (225 mil) allows high-density surface mounting
BLOCK DIAGRAM
ORDERING INFORMATION
Part Number
Package
µPC8002GR
20-pin plastic shrink SOP (225 mil)
µPC8002GR-E1
20-pin plastic shrink SOP (225 mil)
Embossed carrier taping (pin 1 is tape unwinding direction)
µPC8002GR-E2
20-pin plastic shrink SOP (225 mil)
Embossed carrier taping (pin 1 is tape winding direction)
BYPASS1
20
IF2 OUT
11
IF1 IN
19
BYPASS2
18
IF1 OUT
17
BYPASS4
16
IF2 IN
15
BYPASS3
14
GND
(IF OUT)
13
VCC
(IF OUT)
12
1
10
23456789
PD
RSSI OUT
MIX OUT VCC (IF) VCC (MIX)
LO IN
GND(IF) GND(MIX)
MIX IN2
MIX IN1
IF Amp 1
Power ON/OFF
RSSI
2nd MIXER
RSSI
IF Amp 2
Output Stage
SECOND MIXER + IF AMPLIFIER
FOR DIGITAL CORDLESS TELEPHONES
Document No. S10717EJ2V0DS00 (2nd edition)
Date Published March 1997 N
Printed in Japan
The information in this document is subject to change without notice.
©
1997
DATA SHEET


Similar Part No. - UPC8002GR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC8002GR RENESAS-UPC8002GR Datasheet
339Kb / 34P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1997
UPC8002GR-E1 RENESAS-UPC8002GR-E1 Datasheet
339Kb / 34P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1997
UPC8002GR-E2 RENESAS-UPC8002GR-E2 Datasheet
339Kb / 34P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1997
More results

Similar Description - UPC8002GR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD5032 PHILIPS-PCD5032 Datasheet
136Kb / 24P
ADPCM CODEC for digital cordless telephones
1997 Apr 03
logo
Rohm
BH4128FV ROHM-BH4128FV Datasheet
106Kb / 8P
Second Mixer IF for digital cellular phones
logo
Sony Corporation
CXA1744AR SONY-CXA1744AR Datasheet
340Kb / 18P
IF Amplifier for Digital Cordless Telephone
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G Datasheet
138Kb / 6P
Cordless Telephones PBX Modems
logo
List of Unclassifed Man...
MX118P ETC1-MX118P Datasheet
362Kb / 7P
FULL-DUPLEX SCRAMBLER FOR CORDLESS TELEPHONES
logo
California Eastern Labs
UPC8151TB CEL-UPC8151TB Datasheet
206Kb / 10P
SILICON RFIC LOW CURRENT AMPLIFIER FOR CELLULAR/CORDLESS TELEPHONES
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_07 Datasheet
189Kb / 6P
Cordless Telephones
logo
CML Microcircuits
MX118 CMLMICRO-MX118 Datasheet
368Kb / 7P
FULL-DUPLEX SCRAMBLER FOR CORDLESS TELEPHONES
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_14 Datasheet
255Kb / 6P
Cordless Telephones PBX Modems
logo
Suntsu Electronics, Inc...
SATCA-3C1GF-DEB1 SUNTSU-SATCA-3C1GF-DEB1 Datasheet
1Mb / 6P
Cordless Home Telephones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com