Electronic Components Datasheet Search
  English  ▼

X  

UPC8100GR Datasheet(PDF) 13 Page - NEC

Part # UPC8100GR
Description  SILICON UP/DOWN CONVERTERS IC FOR 800 MHz to 900 MHz MOBILE COMMUNICATIONS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8100GR Datasheet(HTML) 13 Page - NEC

Back Button UPC8100GR Datasheet HTML 8Page - NEC UPC8100GR Datasheet HTML 9Page - NEC UPC8100GR Datasheet HTML 10Page - NEC UPC8100GR Datasheet HTML 11Page - NEC UPC8100GR Datasheet HTML 12Page - NEC UPC8100GR Datasheet HTML 13Page - NEC UPC8100GR Datasheet HTML 14Page - NEC UPC8100GR Datasheet HTML 15Page - NEC UPC8100GR Datasheet HTML 16Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
µPC8100GR
Data Sheet P10817EJ3V0DS00
TYPICAL APPLICATION
CT2 BLOCK DIAGRAM
RX
SW
PG131GR
µ
TX
PC8100GR
µ
PLL
PLL
DEMO
F/F
0°
90°
PC8101GR
µ
I
Q
I
Q
The application circuits and their parameters are for references only and are not intended for use in actual design-in's.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com