Electronic Components Datasheet Search
  English  ▼

X  

UPC8100GR Datasheet(PDF) 2 Page - NEC

Part # UPC8100GR
Description  SILICON UP/DOWN CONVERTERS IC FOR 800 MHz to 900 MHz MOBILE COMMUNICATIONS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8100GR Datasheet(HTML) 2 Page - NEC

  UPC8100GR Datasheet HTML 1Page - NEC UPC8100GR Datasheet HTML 2Page - NEC UPC8100GR Datasheet HTML 3Page - NEC UPC8100GR Datasheet HTML 4Page - NEC UPC8100GR Datasheet HTML 5Page - NEC UPC8100GR Datasheet HTML 6Page - NEC UPC8100GR Datasheet HTML 7Page - NEC UPC8100GR Datasheet HTML 8Page - NEC UPC8100GR Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
µPC8100GR
Data Sheet P10817EJ3V0DS00
INTERNAL BLOCK DIAGRAM AND PIN CONNECTIONS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
(Top View)
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
11.
12.
13.
14.
15.
16.
17.
18.
19.
20.
GND
RF BYPASS
RF INPUT
PEAKING OUT
P/S (for DOWN CONV.)
P/S (for UP CONV.)
VCC (for UP CONV.)
RF OUTPUT
GND
MIX OUTPUT1
MIX OUTPUT2
GND
IF BYPASS
IF INPUT
OSC INPUT (for UP CONV.)
OSC BYPASS (for UP CONV.)
OSC BYPASS (for DOWN CONV.)
OSC INPUT (for DOWN CONV.)
VCC (for DOWN CONV.)
IF OUTPUT
20
19
18
17
16
15
14
13
12
11
12
34
56
78
9
10
REG. REG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com