Electronic Components Datasheet Search
  English  ▼

X  

ACE24C32B Datasheet(PDF) 10 Page - ACE Technology Co., LTD.

Part # ACE24C32B
Description  Two-wire Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C32B Datasheet(HTML) 10 Page - ACE Technology Co., LTD.

Back Button ACE24C32B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C32B Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C32B Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C32B Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24C32B Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24C32B Datasheet HTML 11Page - ACE Technology Co., LTD. ACE24C32B Datasheet HTML 12Page - ACE Technology Co., LTD. ACE24C32B Datasheet HTML 13Page - ACE Technology Co., LTD. ACE24C32B Datasheet HTML 14Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ACE24C32/64B
Two-wire Serial EEPROM
VER 1.3
10
Pin Capacitance
Applicable over recommended operating range from: TA = 25℃, f = 1.0 MHz, VCC = +1.7V.
Symbol
Test Condition
Max
Units
Conditions
CI/O
Input / Output Capacitance (SDA)
8
pF
VI/O = 0V
CIN
Input Capacitance (A0, A1, A2, SCL)
6
pF
VIN = 0V
DC Characteristics
Applicable over recommended operating range from: TA = -40℃ to +85℃, VCC = +1.7V to +5.5V, (unless otherwise noted).
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCC
Supply Voltage
1.7
5.5
V
ICC1
Supply Current
Read at 400kHz
0.4
1.0
mA
ICC2
Supply Current
Write at 400 kHz
2.0
3.0
mA
ISB
Standby Current
VIN = VCC or GND
3.0
µA
ILI
Input Leakage Current
VIN = VCC or GND
3.0
µA
ILO
Output Leakage Current
VOUT = VCC or GND
0.05
3.0
µA
VIL1
Input Low Level
VCC=1.8V to 5.5V
-0.3
VCC*0.3
V
VIH1
Input High Level
VCC=1.8V to 5.5V
VCC*0.7
VCC+0.3
V
VIL2
Input Low Level
VCC=1.7V
-0.3
VCC*0.3
V
VIH2
Input High Level
VCC=1.7V
VCC*0.7
VCC+0.3
V
VOL3
Output Low Level
IOL = 3.0 mA
0.4
V
VOL2
Output Low Level
IOL = 2.1 mA
0.4
V
VOL1
Output Low Level
IOL = 0.15 mA
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com