Electronic Components Datasheet Search
  English  ▼

X  

ACE25C320G Datasheet(PDF) 36 Page - ACE Technology Co., LTD.

Part # ACE25C320G
Description  Uniform SECTOR Dual and Quad Serial Flash
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C320G Datasheet(HTML) 36 Page - ACE Technology Co., LTD.

Back Button ACE25C320G Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25C320G Datasheet HTML 30Page - ACE Technology Co., LTD. ACE25C320G Datasheet HTML 31Page - ACE Technology Co., LTD. ACE25C320G Datasheet HTML 32Page - ACE Technology Co., LTD. ACE25C320G Datasheet HTML 33Page - ACE Technology Co., LTD. ACE25C320G Datasheet HTML 34Page - ACE Technology Co., LTD. ACE25C320G Datasheet HTML 35Page - ACE Technology Co., LTD. ACE25C320G Datasheet HTML 36Page - ACE Technology Co., LTD. ACE25C320G Datasheet HTML 37Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
ACE25C320G
Uniform SECTOR Dual and Quad Serial Flash
VER 1.5
36
Packaging information
WSON (6*5mm)
Symbol
mm
Inch
Min
Nom
Max
Min
Nom
Max
A
0.7
0.75
0.8
0.028
0.003
0.032
A1
0.05
0.002
A2
0.19
0.22
0.25
0.007
0.009
0.010
b
0.35
0.42
0.48
0.014
0.016
0.019
D
5.9
6.0
6.1
0.232
0.236
0.24
D1
3.25
3.37
3.5
0.128
0.133
0.138
E
4.9
5.0
5.1
0.193
0.197
0.201
E1
3.85
3.97
4.10
0.151
0.156
0.161
e
1.27
0.05
y
0
0.04
0.08
0
0.001
0.003
L
0.5
0.6
0.75
0.02
0.024
0.03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com