Electronic Components Datasheet Search
  English  ▼

X  

ACE555 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE555
Description  300mA High PSRR, Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE555 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE555_15 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE555_15 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE555_15 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE555_15 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE555_15 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE555_15 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE555_15 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE555_15 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE555_15 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
 
                                                                                                                    
ACE555
                      
300mA High PSRR, Linear Regulator
 
VER 1.1 3
Ordering information
ACE555 X XX XX + H
Block Diagram
Recommended Work Conditions
Item
Min
Max
Unit
Input Voltage Range
1.5
6
V
Ambient Temperature
-40
85
℃
Pb - free
HN: SC-70-5
BM: SOT-23-3L
BN: SOT-23-5
IN: DFN1*1-4
Output Voltage: 1.0V/1.5V/1.8V…..4.5V
Halogen - free
Reference Voltage accuracy :
A : 1%
B : 2%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com