Electronic Components Datasheet Search
  English  ▼

X  

ACE555 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE555
Description  300mA High PSRR, Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE555 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE555_15 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE555_15 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE555_15 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE555_15 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE555_15 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE555_15 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE555_15 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE555_15 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE555_15 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
 
                                                                                                                    
ACE555
                      
300mA High PSRR, Linear Regulator
VER 1.1
1 
Description
ACE555 series are a group of positive voltage output, low power consumption, low dropout voltage
regulators.
ACE555 can provide output value in the range of 1.0V~4.5V every 0.1V step. It also can be customized
on command. ACE555 can also work under a wide input voltage ranging from 1.5V to 6V.
ACE555 includes high accuracy voltage reference, error amplifier, current limit circuit and output driver
module.
ACE555 has excellent load and line transient response and good temperature characteristics, which can
assure the stability of chip and power system. And it uses trimming technique to guarantee output voltage
accuracy within ±1%、±2%.
Features
Input voltage range: 1.5~6V
Output voltage range: 1.0V~4.5V (customized on command every 0.1V step)
Low power consumption: 25uA (Typ.)
Low output noise (47uVRMS)
Shutdown mode: 0.1uA
Low dropout voltage: 300mV@300mA (Typ.)
High ripple rejection:70dB@1KHz (Typ.)
Low temperature coefficient: ±100ppm/C
Excellent line regulation: 0.05%/V
Build-in chip enable circuit
Highly accurate: ±1%、±2%
Output current limit
Fold-back output short circuit protection
Application
Power source for cellular phones and various kind of PCSs
Battery Powered equipment
Power Management of MP3, PDA, DSC, Mouse, PS2 Games
Voltage Reference
Regulation after Switching Power
Typical Performance Characteristic:


Similar Part No. - ACE555_15

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE55531AMA+ ACE-ACE55531AMA+ Datasheet
184Kb / 6P
400mA LDO Dropout Voltage Regulator
VER 1.2
ACE55531AMB+ ACE-ACE55531AMB+ Datasheet
184Kb / 6P
400mA LDO Dropout Voltage Regulator
VER 1.2
ACE55531AMC+ ACE-ACE55531AMC+ Datasheet
184Kb / 6P
400mA LDO Dropout Voltage Regulator
VER 1.2
ACE55541AMA+ ACE-ACE55541AMA+ Datasheet
184Kb / 6P
400mA LDO Dropout Voltage Regulator
VER 1.2
ACE55541AMB+ ACE-ACE55541AMB+ Datasheet
184Kb / 6P
400mA LDO Dropout Voltage Regulator
VER 1.2
More results

Similar Description - ACE555_15

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8554 BELLING-BL8554 Datasheet
314Kb / 8P
300mA High PSRR, Linear Regulator
BL8063 BELLING-BL8063 Datasheet
322Kb / 8P
300mA High PSRR, Linear Regulator
logo
ACE Technology Co., LTD...
ACE520 ACE-ACE520 Datasheet
663Kb / 9P
Dual 300mA High PSRR Linear Regulator
VER 1.4
ACE525 ACE-ACE525 Datasheet
540Kb / 11P
300mA High PSRR, Linear Regulator
VER 1.3
ACE525C ACE-ACE525C Datasheet
921Kb / 9P
300mA High PSRR, Linear Regulator
VER 1.4
ACE520C ACE-ACE520C Datasheet
1Mb / 8P
Dual 300mA High PSRR Linear Regulator
VER 1.5
ACE535C ACE-ACE535C Datasheet
501Kb / 8P
300mA High PSRR, Fast Response Linear Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8063 BELLING-BL8063_14 Datasheet
758Kb / 8P
300mA High PSRR, Linear Regulator
BL8067 BELLING-BL8067 Datasheet
788Kb / 8P
300mA High PSRR, Fast Response Linear Regulator
logo
AiT Semiconductor Inc.
A6306 AITSEMI-A6306 Datasheet
487Kb / 10P
REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com