Electronic Components Datasheet Search
  English  ▼

X  

OP176 Datasheet(PDF) 13 Page - Analog Devices

Part # OP176
Description  Bipolar/JFET, Audio Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP176 Datasheet(HTML) 13 Page - Analog Devices

Back Button OP176_15 Datasheet HTML 9Page - Analog Devices OP176_15 Datasheet HTML 10Page - Analog Devices OP176_15 Datasheet HTML 11Page - Analog Devices OP176_15 Datasheet HTML 12Page - Analog Devices OP176_15 Datasheet HTML 13Page - Analog Devices OP176_15 Datasheet HTML 14Page - Analog Devices OP176_15 Datasheet HTML 15Page - Analog Devices OP176_15 Datasheet HTML 16Page - Analog Devices OP176_15 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
OP176
REV. 0
–13–
A Low Noise, +5 V/+10 V Reference
In many high resolution applications, voltage reference noise
can be a major contributor to overall system error. Monolithic
voltage references often exhibit too much wide band noise to be
used alone in these systems. Only through careful filtering and
buffering of these monolithic references can one realize wide-
band microvolt noise levels. The circuit illustrated in Figure 41
is an example of a low noise precision reference optimized for
both ac and dc performance around the OP176. With a +10 V
reference (the AD587), the circuit exhibits a 1 kHz spot output
noise spectral density < 10 nV/
√Hz. The reference output
voltage is selectable between 5 V and 10 V, depending only on
the selection of the monolithic reference. The output table
illustrated in the figure provides a selection of monolithic
references compatible with this circuit.
Figure 41. A Low Noise, +5 V/+10 V Reference
In operation, the basic reference voltage is set by U1, either a
5 V or 10 V 3-terminal reference chosen from the table. In this
case, the reference used is a 10 V buried Zener reference, but
all U1 IC types shown can plug into the pinout and can be
optionally trimmed. The stable 10 V from the reference is then
applied to the R1-C1-C2 noise filter, which uses electrolytic
capacitors for a low corner frequency. When electrolytic
capacitors are used for filtering, one must be cognizant of their
dc leakage current errors. Here, however, a dc bootstrap of C1
is used, so this capacitor sees only the small R2 dc drop as bias,
effectively lowering its leakage current to negligible levels. The
resulting low noise, dc-accurate output of the filter is then
buffered by a low noise, unity gain op amp using an OP176.
With the OP176’s low V
OS and control of the source resistances,
the dc performance of this circuit is quite good and will not
compromise voltage reference accuracy and/or drift. Also, the
OP176 has a typical current limit of 50 mA, so it can provide
higher output currents when compared to a typical IC reference
alone.
A Differential ADC Driver
High performance audio sigma-delta ADCs, such as the stereo
16-bit AD1878 and the 18-bit AD1879, present challenging
design problems with regards to input interfacing. Because of
an internal switched capacitor input circuit, the ADC input
structure presents a difficult dynamic load to the drive amplifier
with fast transient input currents due to their 3 MHz ADC
sampling rate. Also, these ADCs inputs are differential with a
rated full-scale range of
±6.3 V, or about 4.4 V rms. Hence, the
ADC interface circuit of Figure 42 is designed to accept a
balanced input signal to drive the low dynamic impedances seen
at the inputs of these ADCs. The circuit uses two OP176
Figure 42. A Balanced Driver Circuit for Sigma-Delta ADCs
amplifiers as inverting low-pass filters for their speed and high
output current drive. The outputs of the OP176s then drive the
differential ADC inputs through an RC network. This RC
network buffers the amplifiers against step changes at the ADC
sampling inputs using one differential (C3) and two common-
mode connected capacitors (C4 and C5). The 51
Ω series
resistors isolate the OP176s from the heavily capacitive loads,
while the capacitors absorb the transient currents. Operating on
±12 V supplies, this circuit exhibits a very low THD + N of
0.001% at 5 V rms outputs. For single-ended drive sources, a
third op amp unity gain inverter can be added between R2’s (+)
input terminal and R4. For best results, short-lead, noninduc-
tive capacitors are suggested for C3, C4, and C5 (which are
placed close to the ADC), and 1% metal-film types for R1
through R6. For surface mount PCBs, these components can
be NPO ceramic chip capacitors and thin-film chip resistors.
C1
100pF
R1
5.76k
Ω
R2
5.62k
Ω
ΩR5
51
Ω
C2 100pF
R3
5.49k
Ω
R4
5.62k
Ω
ΩR6
51
Ω
C4
0.01µF
U1
U2
C3
0.0047µF
C5
0.01µF
BALANCED
INPUTS
= AG, PIN 10 OR 18
VIN –
VIN +
TO
AD1878/
AD1879
SIGMA-
DELTA
ADC
L & R
INPUTS
U1, U2 = OP176
–12V
ANALOG
(+)
(–)
NOTES
C1–C5 = NPO CERAMIC, NON-INDUCTIVE,
C3-C5 CLOSE TO ADC
R1–R6 = 1% METAL FILM
0.1µF
0.1µF
100µ/25V
+12V
ANALOG
COM
+VS
–VS
TO
U1, U2
100µ/25V
(+)
USE
FOR
SINGLE-ENDED
INPUTS
5k
Ω
5k
Ω
OUTPUT TABLE
VOUT
10V
10V
10V
10V
5V
5V
5V
5V
U1
AD587
REF01
REF10
AD581
REF195
AD586
REF02
REF05
TOLERANCE
(+/–mV)
5 TO 10
30 TO 100
30 TO 50
5 TO 30
2 TO 10
2.5 TO 20
15 TO 50
15 TO 25
U2
OP176
4
7
6
2
3
+15V
R1
1k
Ω
R3
100
Ω
R2
10k
Ω
C4
0.1µF
C2
100µF/25V
6
5
8
4
RTRIM
10k
Ω
C1
100µF/25V
C3
100µF/25V
R5
1.1k
Ω
R4
100
Ω
R6
3.3
Ω
C5
10µF/25V
VOUT
REF
COMMON
(OPTIONAL)
2
U1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com